Electronic Components Datasheet Search
  English  ▼

X  

AD9211 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9211
Description  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9211 Datasheet HTML 12Page - Analog Devices AD9211 Datasheet HTML 13Page - Analog Devices AD9211 Datasheet HTML 14Page - Analog Devices AD9211 Datasheet HTML 15Page - Analog Devices AD9211 Datasheet HTML 16Page - Analog Devices AD9211 Datasheet HTML 17Page - Analog Devices AD9211 Datasheet HTML 18Page - Analog Devices AD9211 Datasheet HTML 19Page - Analog Devices AD9211 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD9211
Rev. 0 | Page 16 of 28
90
0
–90
0
AMPLITUDE (dBFS)
80
70
60
50
40
30
20
10
–80
–70
–60
–50
–40
–30
–20
–10
SNR (dB)
SFDR (dB)
SFDR (dBFS)
SNR (dBFS)
Figure 24. AD9211-300 SNR/SFDR vs. Input Amplitude; 300 MSPS, 170.3 MHz
0.25
–0.25
01024
OUTPUT CODE
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
256
512
768
Figure 25. AD9211-300 INL; 300 MSPS
0
–120
0
FREQUENCY (MHz)
20
40
60
80
100
120
140
–20
–40
–60
–80
–100
Figure 26. AD9211-300 64k Point, Two-Tone FFT; 300 MSPS,
170.1 MHz, 171.1 MHz
0.25
–0.25
01
OUTPUT CODE
024
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
256
512
768
Figure 27. AD9211-300 DNL; 300 MSPS
100
0
–80
0
AMPLITUDE (dBFS)
90
80
70
60
50
40
30
20
10
SFDR (dBFS)
SFDR (dBc)
–70
–60
–50
–40
–30
–20
–10
Figure 28. AD9211-300 Two-Tone SFDR vs. Input Amplitude; 300 MSPS,
170.1 MHz, 171.1 MHz
0
–120
0
122.88
FREQUENCY (MHz)
–20
–40
–60
–80
–100
30.72
61.44
92.16
245.76MSPS
190.1MHz
Figure 29. AD9211-300 64k Point FFT; Three W-CDMA Carriers,
IF = 190.1 MHz, 245.6 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com