Electronic Components Datasheet Search
  English  ▼

X  

AD9211 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9211
Description  10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9211 Datasheet HTML 15Page - Analog Devices AD9211 Datasheet HTML 16Page - Analog Devices AD9211 Datasheet HTML 17Page - Analog Devices AD9211 Datasheet HTML 18Page - Analog Devices AD9211 Datasheet HTML 19Page - Analog Devices AD9211 Datasheet HTML 20Page - Analog Devices AD9211 Datasheet HTML 21Page - Analog Devices AD9211 Datasheet HTML 22Page - Analog Devices AD9211 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD9211
Rev. 0 | Page 19 of 28
THEORY OF OPERATION
The AD9211 architecture consists of a front-end sample and
hold amplifier (SHA) followed by a pipelined switched capacitor
ADC. The quantized outputs from each stage are combined into
a final 10-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate on a new input
sample, while the remaining stages operate on preceding
samples. Sampling occurs on the rising edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor DAC
and interstage residue amplifier (MDAC). The residue amplifier
magnifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each stage to facilitate digital correction
of flash errors. The last stage simply consists of a flash ADC.
The input stage contains a differential SHA that can be ac- or
dc-coupled in differential or single-ended mode. The output-
staging block aligns the data, carries out the error correction,
and passes the data to the output buffers. The output buffers are
powered from a separate supply, allowing adjustment of the
output voltage swing. During power-down, the output buffers
go into a high impedance state.
ANALOG INPUT AND VOLTAGE REFERENCE
The analog input to the AD9211 is a differential buffer. For best
dynamic performance, the source impedances driving VIN+
and VIN− should be matched such that common-mode settling
errors are symmetrical. The analog input is optimized to provide
superior wideband performance and requires that the analog
inputs be driven differentially. SNR and SINAD performance
degrades significantly if the analog input is driven with a single-
ended signal.
A wideband transformer, such as Mini-Circuits® ADT1-1WT,
can provide the differential analog inputs for applications that
require a single-ended-to-differential conversion. Both analog
inputs are self-biased by an on-chip resistor divider to a
nominal 1.3 V.
An internal differential voltage reference creates positive and
negative reference voltages that define the 1.25 V p-p fixed span
of the ADC core. This internal voltage reference can be adjusted
by means of SPI control. See the AD9211 Configuration Using
the SPI section for more details.
Differential Input Configurations
Optimum performance is achieved while driving the AD9211
in a differential input configuration. For baseband applications,
the AD8138 differential driver provides excellent performance
and a flexible interface to the ADC. The output common-mode
voltage of the AD8138 is easily set to AVDD/2 + 0.5 V, and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
VIN+
VIN–
AVDD
CML
AD8138
523Ω
499Ω
499Ω
499Ω
33Ω
33Ω
49.9Ω
1V p-p
0.1µF
20pF
AD9211
Figure 39. Differential Input Configuration Using the AD8138
At input frequencies in the second Nyquist zone and above, the
performance of most amplifiers may not be adequate to achieve
the true performance of the AD9211. This is especially true in
IF undersampling applications where frequencies in the 70 MHz
to 100 MHz range are being sampled. For these applications,
differential transformer coupling is the recommended input
configuration. The signal characteristics must be considered
when selecting a transformer. Most RF transformers saturate at
frequencies below a few MHz, and excessive signal power can
also cause core saturation, which leads to distortion.
In any configuration, the value of the shunt capacitor, C, is
dependent on the input frequency and may need to be reduced
or removed.
VIN+
VIN–
15Ω
15Ω
50Ω
1.25V p-p
0.1µF
2pF
AD9211
Figure 40. Differential Transformer—Coupled Configuration
As an alternative to using a transformer-coupled input at
frequencies in the second Nyquist zone, the AD8352 differential
driver can be used (see Figure 41).
AD9211
AD8352
0Ω
R
0Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
VIN+
VIN– CML
C
0.1µF
0.1µF
16
1
2
3
4
5
11
R
0.1µF
0.1µF
10
8, 13
14
VCC
200Ω
200Ω
ANALOG INPUT
ANALOG INPUT
Figure 41. Differential Input Configuration Using the AD8352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com