Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9910
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9910 Datasheet HTML 45Page - Analog Devices AD9910 Datasheet HTML 46Page - Analog Devices AD9910 Datasheet HTML 47Page - Analog Devices AD9910 Datasheet HTML 48Page - Analog Devices AD9910 Datasheet HTML 49Page - Analog Devices AD9910 Datasheet HTML 50Page - Analog Devices AD9910 Datasheet HTML 51Page - Analog Devices AD9910 Datasheet HTML 52Page - Analog Devices AD9910 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
AD9910
Rev. 0 | Page 49 of 60
Register
Name
(Serial
Address)
Bit Range
(Internal
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value5
(Hex)
15:8
Phase Offset Word<15:8>
0x00
POW—
Phase Offset
Word (0x08)
7:0
Phase Offset Word<7:0>
0x00
31:24
Amplitude Ramp Rate<15:8>
0x00
23:16
Amplitude Ramp Rate<7:0>
0x00
15:8
Amplitude Scale Factor<13:6>
0x00
ASF—
Amplitude
Scale
Factor
(0x09)
7:0
Amplitude Scale Factor<5:0>
Amplitude Step Size<1:0>
0x00
31:24
Sync Validation Delay<3:0>
Sync
Receiver
Enable
Sync
Generator
Enable
Sync
Generator
Polarity
Open
0x00
23:16
Sync State Preset Value<5:0>
Open
0x00
15:8
Output Sync Generator Delay<4:0>
Open
0x00
Multichip
Sync (0x0A)
7:0
Input Sync Receiver Delay<4:0>
Open
0x00
63:56
Digital Ramp Upper Limit<31:24>
N/A
55:48
Digital Ramp Upper Limit<23:16>
N/A
47:40
Digital Ramp Upper Limit<15:8>
N/A
39:32
Digital Ramp Upper Limit<7:0>
N/A
31:24
Digital Ramp Lower Limit<31:24>
N/A
23:16
Digital Ramp Lower Limit<23:16>
N/A
15:8
Digital Ramp Lower Limit<15:8>
N/A
Digital
Ramp Limit
(0x0B)
7:0
Digital Ramp Lower Limit<7:0>
N/A
63:56
Digital Ramp Decrement Step Size<31:24>
N/A
55:48
Digital Ramp Decrement Step Size<23:16>
N/A
47:40
Digital Ramp Decrement Step Size<15:8>
N/A
39:32
Digital Ramp Decrement Step Size<7:0>
N/A
31:24
Digital Ramp Increment Step Size<31:24>
N/A
23:16
Digital Ramp Increment Step Size<23:16>
N/A
15:8
Digital Ramp Increment Step Size<15:8>
N/A
Digital
Ramp Step
Size (0x0C)
7:0
Digital Ramp Increment Step Size<7:0>
N/A
31:24
Digital Ramp Negative Slope Rate <15:8>
N/A
23:16
Digital Ramp Negative Slope Rate<7:0>
N/A
15:8
Digital Ramp Positive Slope Rate<15:8>
N/A
Digital
Ramp Rate
(0x0D)
7:0
Digital Ramp Positive Slope Rate<7:0>
N/A
63:56
Open
Amplitude Scale Factor 0<13:8>
0x08
55:48
Amplitude Scale Factor 0<7:0>
0xB5
47:40
Phase Offset Word 0<15:8>
0x00
39:32
Phase Offset Word 0<7:0>
0x00
31:24
Frequency Tuning Word 0<31:24>
0x00
23:16
Frequency Tuning Word 0<23:16>
0x00
15:8
Frequency Tuning Word 0<15:8>
0x00
Single Tone
Profile 0
(0x0E)
7:0
Frequency Tuning Word 0<7:0>
0x00
63:56
Open
N/A
55:48
RAM Profile 0 Address Step Rate<15:8>
N/A
47:40
RAM Profile 0 Address Step Rate<7:0>
N/A
39:32
RAM Profile 0 Waveform End Address<9:2>
N/A
31:24
RAM Profile 0 Waveform
End Address<1:0>
Open
N/A
23:16
RAM Profile 0 Waveform Start Address<9:2>
N/A
15:8
RAM Profile 0
Waveform Start
Address<1:0>
Open
N/A
RAM
Profile 0
(0x0E)
7:0
Open
No-Dwell
High
Open
Zero-
Crossing
RAM Profile 0 Mode Control<2:0>
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com