Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9910
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9910 Datasheet HTML 29Page - Analog Devices AD9910 Datasheet HTML 30Page - Analog Devices AD9910 Datasheet HTML 31Page - Analog Devices AD9910 Datasheet HTML 32Page - Analog Devices AD9910 Datasheet HTML 33Page - Analog Devices AD9910 Datasheet HTML 34Page - Analog Devices AD9910 Datasheet HTML 35Page - Analog Devices AD9910 Datasheet HTML 36Page - Analog Devices AD9910 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
AD9910
Rev. 0 | Page 33 of 60
RAM
Q
PROFILE
DDS CLOCK
RAM
PROFILE
REGISTERS
STATE
MACHINE
UP/DOWN
COUNTER
32
10
2
3
16
10
10
U/D
3
WAVEFORM END ADDRESS
WAVEFORM START ADDRESS
ADDRESS RAMP RATE
NO DWELL
RAM MODE
TO DDS
SIGNAL
CONTROL
PARAMETER
Figure 42. RAM Playback Operation
During playback, the state machine uses an up/down counter to
step through the specified address locations. The clock rate of
this counter defines the playback rate; that is, the sample rate of
the generated waveform. The clocking of the counter is
controlled by a 16-bit programmable timer that is internal to
the state machine. This timer is clocked by the DDS clock and
its time interval is set by the 16-bit address step rate value
stored in the selected RAM profile register.
The address step rate value determines the playback rate. For
example, if M is the 16-bit value of the address step rate for a
specific RAM profile, then the playback rate for that profile is
given by
M
f
M
f
Rate
Playback
SYSCLK
DDSCLOCK
4
=
=
The sample interval (Δt) associated with the playback rate, is
therefore given by
SYSCLK
f
M
Rate
Playback
t
4
1
Δ
=
=
RAM data entry/retrieval via the I/O port takes precedence
over playback operation. An I/O operation targeting the RAM
during playback interrupts any waveform in progress.
The 32-bit words output by the RAM during playback route to
the DDS signal control parameters according to two RAM
Playback Destination bits in Control Function Register 1. The
32-bit words are partitioned based on Table 12.
Table 12. RAM Playback Destination
RAM Playback
Destination Bits
CFR1<30:29>
DDS Signal
Control
Parameter
Bits Assigned to
DDS Parameters
00
Frequency
31:0
01
Phase
31:16
10
Amplitude
31:18
11
Polar (phase
and amplitude)
Phase<31:16>
Amplitude<15:2>
When the destination is phase, amplitude, or polar the unused
LSBs are ignored.
The RAM playback destination bits affect specific DDS signal
control parameters. The parameters that are not affected by the
RAM playback destination bits are controlled by the FTW, POW,
and/or ASF registers.
RAM_SWP_OVR (RAM Sweep Over) Pin
The RAM_SWP_OVR pin provides an active high external
signal that indicates the end of a playback sequence. The
operation of this pin varies with the RAM operating mode
as detailed in the following sections. When RAM enable = 0,
this pin is forced to a Logic 0.
Overview of RAM Playback Modes
The RAM can operate in any one of five different playback modes:
•
Direct switch
•
Ramp up
•
Bidirectional ramp
•
Continuous bidirectional ramp
•
Continuous recirculate
The mode is selected via the 3-bit RAM mode control word
located in each of the RAM profile registers. Thus, the RAM
operating mode is profile dependent. The RAM profile mode
control bits are detailed in Table 13.
Table 13. RAM Operating Modes
RAM Profile
Mode Control Bits
RAM Operating Mode
000, 101, 110, 111
Direct switch
001
Ramp up
010
Bidirectional ramp
011
Continuous bidirectional ramp
100
Continuous recirculate
RAM Direct Switch Mode
In direct switch mode, the RAM is not used as a waveform
generator. Instead, when a RAM profile is selected via the
PROFILE pins only a single 32-bit word is routed to the DDS to
be applied to the signal control parameter(s). This 32-bit word
is the data stored in the RAM at the location given by the 10-bit
waveform start address of the selected profile.
In direct switch mode, the RAM_SWP_OVR pin is always
Logic 0 and the no-dwell high bit is ignored.
Direct switch mode enables up to eight-level FSK, PSK, or ASK
modulation; the type of modulation is determined by the RAM
playback destination bits (frequency for FSK, and so on). Each
RAM profile is associated with a specific value of frequency,
phase, or amplitude. Each unique waveform start address value
in each RAM profile allows access of the 32-bit word stored in
that particular RAM location. In this way, the profile pins
implement the shift-keying function, modulating the DDS
output as desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com