Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9910
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9910 Datasheet HTML 27Page - Analog Devices AD9910 Datasheet HTML 28Page - Analog Devices AD9910 Datasheet HTML 29Page - Analog Devices AD9910 Datasheet HTML 30Page - Analog Devices AD9910 Datasheet HTML 31Page - Analog Devices AD9910 Datasheet HTML 32Page - Analog Devices AD9910 Datasheet HTML 33Page - Analog Devices AD9910 Datasheet HTML 34Page - Analog Devices AD9910 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
AD9910
Rev. 0 | Page 31 of 60
No-Dwell Ramp Generation
The two no-dwell bits in Control Function Register 2 add to the
flexibility of the DRG capabilities. During normal ramp generation,
when the DRG output reaches the programmed upper or lower
limit, it simply remains at the limit until the operating parameters
dictate otherwise. However, during no-dwell operation, the DRG
output does not necessarily remain at the limit. For example, if the
digital ramp no-dwell high bit is set, when the DRG reaches the
upper limit it automatically (and immediately) snaps to the lower
limit (that is, it does not ramp back to the lower limit, it jumps to
the lower limit). Likewise, when the digital ramp no-dwell low bit
is set, when the DRG reaches the lower limit it automatically (and
immediately) snaps to the upper limit.
During no-dwell operation, the DRCTL pin is monitored for state
transitions only, that is, the static logic level is immaterial.
During no-dwell high operation, a positive transition of the
DRCTL pin initiates a positive slope ramp, which continues
uninterrupted (regardless of any further activity on the DRCTL
pin) until the upper limit is reached.
During no-dwell low operation, a negative transition of the DRCTL
pin initiates a negative slope ramp, which continues uninterrupted
(regardless of any further activity on the DRCTL pin) until the
lower limit is reached.
Setting both no-dwell bits invokes a continuous ramping mode
of operation. That is, the DRG output automatically oscillates
between the two limits using the programmed slope parameters.
Furthermore, the function of the DRCTL pin is slightly different.
Instead of controlling the initiation of the ramp sequence, it
only serves to change the direction of the ramp. That is, if the
DRG output is in the midst of a positive slope and DRCTL pin
transitions from Logic 1 to Logic 0, then the DRG immediately
switches to the negative slope parameters and resumes oscilla-
tion between the limits. Likewise, if the DRG output is in the
midst of a negative slope and the DRCTL pin transitions from
Logic 0 to Logic 1, the DRG immediately switches to the positive
slope parameters and resumes oscillation between the limits.
When both no-dwell bits are set, the DROVER signal produces a
positive pulse (two cycles of the DDS clock) each time the DRG
output reaches either of the programmed limits (assuming that the
DROVER pin active bit is set).
A no-dwell high DRG output waveform is shown in Figure 40.
The waveform diagram assumes that the digital ramp no-dwell
high bit is set and has been registered by an I/O update. The
status of the DROVER pin is also shown with the assumption
that the DROVER pin active bit has been set.
UPPER LIMIT
P DDS CLOCK CYCLES
1
2
3
4
5
6
7
8
DRG OUTPUT
LOWER LIMIT
DRCTL
POSITIVE
STEP SIZE
DROVER
+Δ
t
Figure 40. No-Dwell High Ramp Generation
The circled numbers indicate specific events, which are explained
as follows:
Event 1—Indicates the instant that an I/O update registers that the
digital ramp enable bit has been set.
Event 2—DRCTL transitions to a Logic 1, initiating a positive
slope at the DRG output.
Event 3—DRCTL transition to a Logic 0, which has no effect on
the DRG output.
Event 4—Because the digital ramp no-dwell high bit is set, the
moment that the DRG output reaches the upper limit it immedi-
ately switches to the lower limit, where it remains until the next
Logic 0 to Logic 1 transition of DRCTL.
Event 5—DRCTL transitions from Logic 0 to Logic 1, which
restarts at positive slope ramp.
Event 6 and Event 7—DRCTL transitions are ignored until the
DRG output reaches the programmed upper limit.
Event 8—Because the digital ramp no-dwell high bit is set, the
moment that the DRG output reaches the upper limit it
immediately switches to the lower limit, where it remains until
the next Logic 0 to Logic 1 transition of DRCTL.
Operation with the digital ramp no-dwell low bit set (instead of the
digital ramp no-dwell high bit) is similar, except that the DRG
output ramps in the negative direction on a Logic 1 to Logic 0
transition of DRCTL and jumps to the upper limit upon reaching
the lower limit.
DROVER Pin
The DROVER pin provides an external signal to indicate the status
of the DRG. The functionality of this pin is controlled by the
DROVER pin active bit. When this bit is cleared (default), the
DROVER pin is always Logic 0 regardless of the status of the DRG.
When this bit is set, the DROVER pin logic level depends on the
status of the DRG. Specifically, when the DRG output is at either of
the programmed limits, the DROVER pin is Logic 1, otherwise, it is
Logic 0. In the special case of both no-dwell bits set, the DROVER
pin pulses positive for two DDS clock cycles each time the DRG
output reaches either of the programmed limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com