Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9910
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9910 Datasheet HTML 5Page - Analog Devices AD9910 Datasheet HTML 6Page - Analog Devices AD9910 Datasheet HTML 7Page - Analog Devices AD9910 Datasheet HTML 8Page - Analog Devices AD9910 Datasheet HTML 9Page - Analog Devices AD9910 Datasheet HTML 10Page - Analog Devices AD9910 Datasheet HTML 11Page - Analog Devices AD9910 Datasheet HTML 12Page - Analog Devices AD9910 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
AD9910
Rev. 0 | Page 9 of 60
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
55
54
53
52
51
TQFP-100 (E_PAD)
TOP VIEW
(Not to Scale)
AD9910
5
4
3
2
7
6
9
8
1
11
10
16
15
14
13
18
17
20
19
22
21
12
24
23
25
75 AVDD (3.3V)
74 AVDD (3.3V)
73 AGND
72 NC
71 I/O_RESET
70 CS
69 SCLK
68 SDO
67 SDIO
66 DVDD_I/O (3.3V)
65 DGND
64 DVDD (1.8V)
63 DRHOLD
62 DRCTL
61 DROVER
60 OSK
59 I/O_UPDATE
58 DGND
57 DVDD (1.8V)
56 DVDD_I/O (3.3V)
SYNC_CLK
PROFILE0
PROFILE1
PROFILE2
DGND
NC
PLL_LOOP_FILTER
AVDD (1.8V)
AGND
AGND
AVDD (1.8V)
SYNC_IN+
SYNC_IN–
SYNC_OUT+
SYNC_OUT–
DVDD_I/O (3.3V)
SYNC_SMP_ERR
DGND
MASTER_RESET
DVDD_I/O (3.3V)
DGND
DVDD (1.8V)
EXT_PWR_DWN
PLL_LOCK
NC
DVDD_I/O (3.3V)
DGND
DVDD (1.8V)
RAM_SWP_OVR
D15
PIN 1
INDICATOR
NC = NO CONNECT
Figure 5. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com