Electronic Components Datasheet Search
  English  ▼

X  

AD9910 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9910
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9910 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9910 Datasheet HTML 15Page - Analog Devices AD9910 Datasheet HTML 16Page - Analog Devices AD9910 Datasheet HTML 17Page - Analog Devices AD9910 Datasheet HTML 18Page - Analog Devices AD9910 Datasheet HTML 19Page - Analog Devices AD9910 Datasheet HTML 20Page - Analog Devices AD9910 Datasheet HTML 21Page - Analog Devices AD9910 Datasheet HTML 22Page - Analog Devices AD9910 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
AD9910
Rev. 0 | Page 19 of 60
PARALLEL DATA PORT MODULATION MODE
In parallel data port modulation mode (Figure 25), the
modulated DDS signal control parameter(s) are supplied
directly from the 18-bit parallel data port.
The data port is partitioned into two sections. The 16 MSBs
make up a 16-bit data-word (D<15:0> pins) and the 2 LSBs
make up a 2-bit destination word (F<1:0> pins). The destination
word defines how the 16-bit data-word is applied to the DDS
signal control parameters. Table 4 defines the relationship
between the destination bits, the partitioning of the 16-bit
data-word, and the destination of the data (in terms of the
DDS signal control parameters). Formatting of the 16-bit
data-word is unsigned binary, regardless of the destination.
When the destination bits indicate that the data-word is
destined as a DDS frequency parameter, the 16-bit data-word
serves as an offset to the 32-bit frequency tuning word in the
FTW register. This means that the 16-bit data-word must
somehow be properly aligned with the 32-bit frequency
parameter. This is accomplished by means of the 4-bit FM gain
word in the programming registers. The FM gain word allows
the user to apply a weighting factor to the 16-bit data-word. In
the default state (0), the 16-bit data-word and the 32-bit word in
the FTW register are LSB aligned. Each increment in the value
of the FM gain word shifts the 16-bit data-word to the left
relative to the 32-bit word in the FTW register, increasing the
influence of the 16-bit data-word on the frequency defined by
the FTW register by a factor of two. The FM gain word effectively
controls the frequency range spanned by the data-word.
Parallel Data Clock (PDCLK)
The AD9910 generates a clock signal on the PDCLK pin that
runs at ¼ of the DAC sample rate (the sample rate of the par-
allel data port). PDCLK serves as a data clock for the parallel
port. By default, each rising edge of PDCLK is used to latch the
18 bits of user-supplied data into the data port. The edge polarity
can be changed through the PDCLK invert bit. Furthermore,
the PDCLK output signal can be switched off using the PDCLK
enable bit. However, even though the output signal is switched
off, it continues to operate internally using the internal PDCLK
timing to capture the data at the parallel port. Note that PDCLK
is Logic 0 when disabled.
16
PARALLEL
INPUT
PDCLK
SCLK
SDIO
I/O_RESET
PROFILE
I/O_UPDATE
RAM
POWER
DOWN
CONTROL
DAC_RSET
IOUT
IOUT
CS
TxENABLE
DAC FSC
OSK
A
θ
INVERSE
SINC
FILTER
CLOCK
AMPLITUDE (A)
FREQUENCY (ω)
PHASE (θ)
DIGITAL
RAMP
GENERATOR
8
DAC FSC
8
2
2
MULTICHIP
SYNCHRONIZATION
SYSCLK
PLL
÷2
REF_CLK
REF_CLK
REFCLK_OUT
XTAL_SEL
PARALLEL DATA
TIMING AND
CONTROL
2
AD9910
PROGRAMMING
REGISTERS
OUTPUT
SHIFT
KEYING
DATA
ROUTE
AND
PARTITION
CONTROL
3
INTERNAL CLOCK TIMING
AND CONTROL
ω
Acos (ωt+θ)
Asin (ωt+θ)
2
2
DDS
AUX
DAC
8-BIT
DAC
14-BIT
RAM_SWP_OVR
DRCTL
DRHOLD
DROVER
Figure 25. Parallel Data Port Modulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com