Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4046AM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046AM
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046AM Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC4046AM Datasheet HTML 1Page - Texas Instruments CD74HC4046AM Datasheet HTML 2Page - Texas Instruments CD74HC4046AM Datasheet HTML 3Page - Texas Instruments CD74HC4046AM Datasheet HTML 4Page - Texas Instruments CD74HC4046AM Datasheet HTML 5Page - Texas Instruments CD74HC4046AM Datasheet HTML 6Page - Texas Instruments CD74HC4046AM Datasheet HTML 7Page - Texas Instruments CD74HC4046AM Datasheet HTML 8Page - Texas Instruments CD74HC4046AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
frequency. At this stable point the voltage on C2 remains
constant as the PC2 output is in three-state and the VCO
input at pin 9 is a high impedance. Also in this condition,
the signal at the phase comparator pulse output (PCPOUT)
is a HIGH level and so can be used for indicating a locked
condition.
Thus, for PC2, no phase difference exists between SIGIN
and COMPIN over the full frequency range of the VCO.
Moreover, the power dissipation due to the low-pass filter is
reduced because both p- and n-type drivers are “OFF” for
most of the signal input cycle. It should be noted that the
PLL lock range for this type of phase comparator is equal to
the capture range and is independent of the low-pass filter.
With no signal present at SIGIN, the VCO adjusts, via PC2,
to its lowest frequency.
Phase Comparator 3 (PC3)
This
is
a
positive
edge-triggered
sequential
phase
detector using an RS-type flip-flop. When the PLL is using
this comparator, the loop is controlled by positive signal
transitions and the duty factors of SIGIN and COMPIN are
not
important.
The
transfer
characteristic
of
PC3,
assuming ripple (fr = fi) is suppressed, is:
VDEMOUT =(VCC/2p) (fSIGIN - fCOMPIN) where
VDEMOUT is the demodulator output at pin 10; VDEMOUT
= VPC3OUT (via low-pass filter).
The average output from PC3, fed to the VCO via the low-
pass filter and seen at the demodulator at pin 10
(VDEMOUT), is the resultant of the phase differences of
SIGIN and COMPIN as shown in Figure 6. Typical
waveforms for the PC3 loop locked at fo are shown in
Figure 7.
The
phase-to-output
response
characteristic
of
PC3
(Figure 6) differs from that of PC2 in that the phase angle
between SIGIN and COMPIN varies between 0
o and 360o
and is 180o at the center frequency. Also PC3 gives a
greater voltage swing than PC2 for input phase differences
but as aconsequence the ripple content of the VCO input
signal is higher. With no signal present at SIGIN, the VCO
adjusts, via PC3, to its highest frequency.
The only difference between the HC and HCT versions is the
input level specification of the INH input. This input disables
the VCO section. The comparator’s sections are identical, so
that there is no difference in the SIGIN (pin 14) or COMPIN
(pin 3) inputs between the HC and the HCT versions.
FIGURE 6. PHASE COMPARATOR 3: AVERAGE OUTPUT
VOLTAGE vs INPUT PHASE DIFFERENCE:
VDEMOUT = VPC3OUT
= (VCC/2π) (φSIGIN - φCOMPIN);
φDEMOUT = (φSIGIN - φCOMPIN)
VCC
VDEMOUT (AV)
1/2 VCC
0
0o
180o
φ
DEMOUT
360o
FIGURE 7. TYPICAL WAVEFORMS FOR PLL USING PHASE
COMPARATOR 3, LOOP LOCKED AT fo
SIGIN
COMPIN
VCOOUT
PC3OUT
VCOIN
VCC
GND
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com