Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4046AM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046AM
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046AM Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HC4046AM Datasheet HTML 5Page - Texas Instruments CD74HC4046AM Datasheet HTML 6Page - Texas Instruments CD74HC4046AM Datasheet HTML 7Page - Texas Instruments CD74HC4046AM Datasheet HTML 8Page - Texas Instruments CD74HC4046AM Datasheet HTML 9Page - Texas Instruments CD74HC4046AM Datasheet HTML 10Page - Texas Instruments CD74HC4046AM Datasheet HTML 11Page - Texas Instruments CD74HC4046AM Datasheet HTML 12Page - Texas Instruments CD74HC4046AM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
SIGIN, COMPIN
DC Coupled
Low-Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
PCPOUT, PCn OUT
High-Level Output
Voltage
CMOS Loads
VOH
VIL or VIH
-
4.5
4.4
-
-
4.4
-
4.4
-
V
PCPOUT, PCn OUT
High-Level Output
Voltage
TTL Loads
VOH
VIL or VIH
-
4.5
3.98
-
-
3.84
-
3.7
-
V
PCPOUT, PCn OUT
Low-Level Output
Voltage
CMOS Loads
VOL
VIL or VIH
-
4.5
-
-
0.1
-
0.1
-
0.1
V
PCPOUT, PCn OUT
Low-Level Output
Voltage
TTL Loads
VOL
VIL or VIH
-
4.5
-
-
0.26
-
0.33
-
0.4
V
SIGIN, COMPIN Input
Leakage Current
II
Any
Voltage
Between
VCC and
GND
-
5.5
-
-
±30
±38
±45
µA
PC2OUT Three-State
Off-State Current
IOZ
VIL or VIH
-
5.5
-
-
±0.5
±5-
-
±10
µA
SIGIN, COMPIN Input
Resistance
RI
VI at Self-Bias
Operation Point:
∆VI = 0.5V,
See Figure 10
4.5
-
250
-
-
-
-
-
k
Ω
DEMODULATOR SECTION
Resistor Range
RS
at RS > 300kΩ
Leakage Current
Can Influence
VDEM OUT
4.5
5
-
300
-
-
-
-
k
Ω
Offset Voltage VCOIN
to VDEM
VOFF
VI = VVCO IN =
Values taken over
RS Range
See Figure 23
4.5
-
±20
-
-
-
-
-
mV
Dynamic Output
Resistance at
DEMOUT
RD
VDEM OUT =
4.5
-
25
-
-
-
-
-
Ω
Quiescent Device
Current
ICC
VCC or
GND
-
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 4)
VCC
-2.1
Excluding
Pin 5
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTES:
2. The value for R1 and R2 in parallel should exceed 2.7k
Ω.
3. The maximum operating voltage can be as high as VCC -0.9V, however, this may result in an increased offset voltage.
4. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VCC
2
VCC
2
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com