Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4046AM Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046AM
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046AM Datasheet(HTML) 19 Page - Texas Instruments

Back Button CD74HC4046AM Datasheet HTML 15Page - Texas Instruments CD74HC4046AM Datasheet HTML 16Page - Texas Instruments CD74HC4046AM Datasheet HTML 17Page - Texas Instruments CD74HC4046AM Datasheet HTML 18Page - Texas Instruments CD74HC4046AM Datasheet HTML 19Page - Texas Instruments CD74HC4046AM Datasheet HTML 20Page - Texas Instruments CD74HC4046AM Datasheet HTML 21Page - Texas Instruments CD74HC4046AM Datasheet HTML 22Page - Texas Instruments CD74HC4046AM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
Application Information
This information is a guide for the approximation of values of
external components to be used with the ’HC4046A and
’HCT4046A in a phase-lock-loop system.
References should be made to Figures 11 through 15 and
Figures 27 through 32 as indicated in the table.
Values of the selected components should be within the
following ranges:
HC/HCT4046A CPD
CHIP SECTION
HC
HCT
UNIT
Comparator 1
48
50
pF
Comparators 2 and 3
39
48
pF
VCO
61
53
pF
R1
Between 3k
Ω and 300kΩ
R2
Between 3k
Ω and 300kΩ
R1 + R2
Parallel Value > 2.7k
Ω
C1
Greater Than 40pF
SUBJECT
PHASE
COMPARATOR
DESIGN CONSIDERATIONS
VCO Frequency
Without Extra Offset
PC1, PC2 or PC3
VCO Frequency Characteristic
With R2 =
∞ and R1 within the range 3kΩ < R1 < 300kΩ, the characteristics of the VCO
operation will be as shown in Figures 11 - 15. (Due to R1, C1 time constant a small offset
remains when R2 =
∞.)
PC1
Selection of R1 and C1
Given fo, determine the values of R1 and C1 using Figures 11 - 15
PC2 or PC3
Given fMAX calculate fo as fMAX/2 and determine the values of R1 and C1 using Figures 11 -
15. To obtain 2fL:2fL
≈ 1.2 (V
CC - 1.8V)/(R1C1) where valid range of VCOIN is 1.1V < VCOIN
< VCC - 0.9V
VCO Frequency with
Extra Offset
PC1, PC2 or PC3
VCO Frequency Characteristic
With R1 and R2 within the ranges 3k
Ω < R1 < 300kΩ,3kΩ, < R2 < 300kΩ, the characteristics
of the VCO operation will be as shown in Figures 27 - 32.
PC1, PC2 or PC3
Selection of R1, R2 and C1
Given fo and fL, offset frequency, fMIN, may be calculated from fMIN
≈ f
o - 1.6 fL.
Obtain the values of C1 and R2 by using Figures 27 - 30.
Calculate the values of R1 from Figures 31 - 32.
FIGURE 44. FREQUENCY CHARACTERISTIC OF VCO OPERATING WITHOUT
OFFSET: fo = CENTER FREQUENCY: 2fL = FREQUENCY LOCK RANGE
fMAX
fVCO
fo
fMIN
MIN
1/2 VCC VVCOIN
MAX
2fL
FIGURE 45. FREQUENCY CHARACTERISTIC OF VCO OPERATING WITH OFFSET:
fo = CENTER FREQUENCY: 2fL = FREQUENCY LOCK RANGE
fMAX
fVCO
fo
fMIN
MIN
1/2 VCC
VVCOIN
MAX
2fL
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com