Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4046AM Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046AM
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046AM Datasheet(HTML) 14 Page - Texas Instruments

Back Button CD74HC4046AM Datasheet HTML 10Page - Texas Instruments CD74HC4046AM Datasheet HTML 11Page - Texas Instruments CD74HC4046AM Datasheet HTML 12Page - Texas Instruments CD74HC4046AM Datasheet HTML 13Page - Texas Instruments CD74HC4046AM Datasheet HTML 14Page - Texas Instruments CD74HC4046AM Datasheet HTML 15Page - Texas Instruments CD74HC4046AM Datasheet HTML 16Page - Texas Instruments CD74HC4046AM Datasheet HTML 17Page - Texas Instruments CD74HC4046AM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
FIGURE 17. HC4046A TYPICAL VCO FREQUENCY vs VCOIN
(R1 = 1.5M
Ω, C1 = 0.1µF)
FIGURE 18. HC4046A TYPICAL VCO FREQUENCY vs VCOIN
(R1 = 150k
Ω, C1 = 0.1µF)
FIGURE 19. HC4046A TYPICAL VCO FREQUENCY vs VCOIN
(R1 = 5.6k
Ω, C1 = 0.1µF)
FIGURE 20. HC4046A TYPICAL VCO FREQUENCY vs VCOIN
(R1 = 150k
Ω, C1 = 50pF)
FIGURE 21. HC4046A TYPICAL VCO FREQUENCY vs VCOIN
(R1 = 5.6k
Ω, C1 = 50pF)
FIGURE 22. HC4046A TYPICAL CHANGE IN VCO FREQUENCY
vs AMBIENT TEMPERATURE AS A FUNCTION OF
R1 (VCC = 3V)
Typical Performance Curves (Continued)
90
70
60
50
40
30
20
10
01
2
3
4
5
6
VCOIN (V)
C1 = 0.1
µF
R1 = 1.5M
VCC = 3V
VCC = 4.5V
VCC = 6V
80
800
600
500
400
300
200
100
01
2
3
4
5
6
VCOIN (V)
C1 = 0.1
µF
R1 = 150K
VCC = 3V
VCC = 4.5V
VCC = 6V
700
18
14
12
10
8
6
4
2
01
2
3
4
5
6
VCOIN (V)
C1 = 0.1
µF
R1 = 5.6k
VCC = 3V
VCC = 4.5V
VCC = 6V
16
1400
1000
800
600
400
200
01
2
3
4
5
6
VCOIN (V)
C1 = 50pF
R1 = 150K
VCC = 3V
VCC = 4.5V
VCC = 6V
1200
20
16
12
8
4
01
2
3
4
5
6
VCOIN (V)
C1 = 50pF
R1 = 5.6K
VCC = 3V
VCC = 4.5V
VCC = 6V
24
R1 = 1.5M
R1 = 150K
R1 = 3K
R1 = 1.5K
VCOIN = 0.5 VCC
C1 = 50pF, VCC = 3V
R2 = OPEN
24
16
12
8
4
0
-4
20
-75
-50
-25
0
25
50
75
AMBIENT TEMPERATURE, TA (
oC)
100
125
150
-8
-12
-16
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com