Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4046AM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046AM
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046AM Datasheet(HTML) 16 Page - Texas Instruments

Back Button CD74HC4046AM Datasheet HTML 12Page - Texas Instruments CD74HC4046AM Datasheet HTML 13Page - Texas Instruments CD74HC4046AM Datasheet HTML 14Page - Texas Instruments CD74HC4046AM Datasheet HTML 15Page - Texas Instruments CD74HC4046AM Datasheet HTML 16Page - Texas Instruments CD74HC4046AM Datasheet HTML 17Page - Texas Instruments CD74HC4046AM Datasheet HTML 18Page - Texas Instruments CD74HC4046AM Datasheet HTML 19Page - Texas Instruments CD74HC4046AM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
FIGURE 27. HC4046A OFFSET FREQUENCY vs R2, C1
(VCC = 4.5V)
FIGURE 28. HC4046A OFFSET FREQUENCY vs R2, C1
(VCC = 3V)
FIGURE 29. HCT4046A OFFSET FREQUENCY vs R2, C1
(VCC = 4.5V)
FIGURE 30. HC4046A AND HCT4046A OFFSET FREQUENCY
vs R2, C1 (VCC = 6V, VCC = 5.5V)
FIGURE 31. HC4046A fMIN/fMAX vs R2/R1 (VCC = 3V, 4.5V, 6V)
FIGURE 32. HCT4046A fMAX/fMIN vs R2/R1 (VCC = 4.5V TO 5.5V)
Typical Performance Curves (Continued)
R2 = 2.2K
R2 = 22K
R2 = 220K
VCOIN = 0.5 VCC
VCC = 4.5V
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
108
107
106
105
104
103
102
10
1
R2 = 2.2M
R2 = 11M
VCOIN = 0.5 VCC
VCC = 3V
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
108
107
106
105
104
103
102
10
1
R2 = 1.5K
R2 = 15K
R2 = 150K
R2 = 1.5M
R2 = 7.5M
VCOIN = 0.5 VCC
VCC = 4.5V
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
108
107
106
105
104
103
102
10
1
R2 = 2.2K
R2 = 22K
R2 = 220K
R2 = 2.2M
R2 = 11M
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
108
107
106
105
104
103
102
10
1
R2 = 3K
R2 = 30K
R2 = 300K
R2 = 3M
R2 = 15M
VCOIN = 0.5 VCC
HC VCC = 6V
HCT VCC = 5.5V
PIN 9 = 0.95 VCC FOR fMAX
PIN 9 = 0V FOR fMIN
VCC = 3V, 4.5V, 6V
102
10
0
10-2
10-1
1
R2/R1
102
10
PIN 9 = 0.95 VCC FOR fMAX
PIN 9 = 0V FOR fMIN
VCC = 4.5V TO 5.5V
102
10
0
10-2
10-1
1
R2/R1
102
10
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com