Electronic Components Datasheet Search
  English  ▼

X  

DSP56362 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 152 page
background image
Thermal Characteristics
DSP56362 Technical Data, Rev. 4
3-2
Freescale Semiconductor
3.3
Thermal Characteristics
3.4
DC Electrical Characteristics
Operating temperature range
TJ
−40 to +105
°C
Storage temperature
TSTG
−55 to +125
°C
1 GND = 0 V, V
CC = 3.3 V ± .16 V, TJ = 0°C to +100°C, CL = 50 pF
2 Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the maximum rating may affect device reliability or cause permanent damage to the device.
3 CAUTION: All “5 V Tolerant” input voltages must not be more than 3.95 V greater than the supply voltage; this restriction
applies to “power on”, as well as during normal operation. In any case, the input voltages cannot be more than 5.75 V. “5 V
Tolerant” inputs are inputs that tolerate 5 V.
Table 3-2 Thermal Characteristics
Characteristic
SymbolLQFP Value
Unit
Junction-to-ambient thermal resistance1
1 Junction-to-ambient thermal resistance is based on measurements on a horizontal single-sided printed circuit board per SEMI
G38-87 in natural convection.(SEMI is Semiconductor Equipment and Materials International, 805 East Middlefield Rd.,
Mountain View, CA 94043, (415) 964-5111.
Measurements were done with parts mounted on thermal test boards conforming to specification EIA/JESD51-3.
RθJA or θJA
45.3
°C/W
Junction-to-case thermal resistance2
2 Junction-to-case thermal resistance is based on measurements using a cold plate per SEMI G30-88, with the exception that
the cold plate temperature is used for the case temperature.
RθJC or θJC
10.1
°C/W
Thermal characterization parameter
Ψ
JT
5.5
°C/W
Table 3-3 DC Electrical Characteristics1
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
3.14
3.3
3.46
V
Input high voltage
• D(0:23), BG, BB, TA, DE, and PINIT/NMI
•MOD2/IRQ2, RESET, and TCK/TDI/TMS/
TRST/ESAI/Timer/HDI08/ SHI(SPI mode) pins
•SHI(I2C mode) pins
• EXTAL3
VIH
VIHP
VIHX
2.0
2.0
1.5
0.8
× V
CC
—
—
—
VCC
VCC + 3.95
VCC + 3.95
VCC
V
Input low voltage
• D(0:23), BG, BB, TA, MOD2/IRQ2, RESET, PINIT/NMI
• All JTAG/ESAI/Timer/HDI08/ SHI(SPI mode) pins
•SHI(I2C mode) pins
• EXTAL3
VIL
VILP
VILX
–0.3
–0.3
–0.3
–0.3
—
—
—
0.8
0.8
0.3
× V
CC
0.2
× V
CC
V
Table 3-1 Maximum Ratings (continued)
Rating1
Symbol
Value1
, 2
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com