Electronic Components Datasheet Search
  English  ▼

X  

DSP56362 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  DSP56362 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 152 page
background image
Overview
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
1-5
— Triple timer module with single external interface or GPIO line
— On-chip peripheral registers are memory mapped in data memory space
•
Reduced Power Dissipation
— Very low-power (3.3 V) CMOS design
— Wait and stop low-power standby modes
— Fully-static logic, operation frequency down to 0 Hz (dc)
— Optimized power management circuitry (instruction-dependent, peripheral-dependent, and
mode-dependent)
1.2
Package
•
144-pin plastic thin quad flat pack (LQFP) surface-mount package
1.3
Documentation
Table 1-1
lists the documents that provide a complete description of the DSP56362 and are required to
design properly with the part. Documentation is available from a local Freescale distributor, a Freescale
semiconductor sales office, a Freescale Literature Distribution Center, or through the Freescale DSP home
page on the Internet (the source for the latest information).
Table 1-1 DSP56362 Documentation
Document Name
Description
Order Number
DSP56300 Family Manual
Detailed description of the 56000-family architecture
and the 24-bit core processor and instruction set
DSP56300FM
DSP56362 User’s Manual
Detailed description of memory, peripherals, and
interfaces
DSP56362UM
DSP56362 Product Brief
Brief description of the chip
DSP56362P
DSP56362 Data Sheet
(this document)
Electrical and timing specifications; pin and package
descriptions
DSP56362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com