Electronic Components Datasheet Search
  English  ▼

X  

DSP56362 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 152 page
background image
JTAG Timing
DSP56362 Technical Data, Rev. 4
3-70
Freescale Semiconductor
Figure 3-48 GPIO Timing
3.18
JTAG Timing
Table 3-28
JTAG Timing1, 2
No.
Characteristics
All Frequencies
Unit
Min
Max
500
TCK frequency of operation (1/(T
C
× 3); maximum 22 MHz)
0.0
22.0
MHz
501
TCK cycle time in Crystal mode
45.0
—
ns
502
TCK clock pulse width measured at 1.5 V
20.0
—
ns
503
TCK rise and fall times
0.0
3.0
ns
504
Boundary scan input data setup time
5.0
—
ns
505
Boundary scan input data hold time
24.0
—
ns
506
TCK low to output data valid
0.0
40.0
ns
507
TCK low to output high impedance
0.0
40.0
ns
Valid
GPIO
(Input)
GPIO
(Output)
CLKOUT
(Output)
Fetch the instruction MOVE X0,X:(R0); X0 contains the new value of GPIO
and R0 contains the address of GPIO data register.
A0–A17
490
491
492
494
493
AA0495
GPIO
(Output)
495
496



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com