Electronic Components Datasheet Search
  English  ▼

X  

DSP56362 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
Serial Host Interface SPI Protocol Timing
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-53
144
Serial clock rise/fall time
Master
—
—
—
10
ns
Slave
—
—
—
2000
146
SS assertion to first SCK edge CPHA = 0
Slave
Bypassed
Narrow
Wide
3.5
×T
C+15
0
0
50
0
0
—
—
—
ns
CPHA = 1
Slave
Bypassed
Narrow
Wide
10
0
0
10
0
0
—
—
—
147
Last SCK edge to SS not asserted
slave
Bypassed
Narrow
Wide
12
102
189
12
102
189
—
—
—
ns
148
Data input valid to SCK edge (data input
set-up time)
Master/
Slave
Bypassed
Narrow
Wide
0
MAX{(20-TC), 0}
MAX{(40-TC), 0}
0
10
30
—
—
—
ns
149
SCK last sampling edge to data input not
valid
Master/
Slave
Bypassed
Narrow
Wide
2.5
×T
C+10
2.5
×T
C+30
2.5
×T
C+50
35
55
75
—
—
—
ns
150
SS assertion to data out active
Slave
—
2
2
—
ns
151
SS deassertion to data high impedance
Slave
—
9
—
9
ns
152
SCK edge to data out valid (data out delay
time)
Master/
Slave
Bypassed
Narrow
Wide
2
×T
C+33
2
×T
C+123
2
×T
C+210
—
—
—
53
143
230
ns
153
SCK edge to data out not valid
(data out hold time)
Master/
Slave
Bypassed
Narrow
Wide
TC+5
TC+55
TC+106
15
65
116
—
—
—
ns
154
SS assertion to data out valid (CPHA = 0)
Slave
—
TC+33
—
43
ns
157
First SCK sampling edge to HREQ output
deassertion
Slave
Bypassed
Narrow
Wide
2.5
×T
C+30
2.5
×T
C+120
2.5
×T
C+217
—
—
—
55
145
242
ns
158
Last SCK sampling edge to HREQ output
not deasserted (CPHA = 1)
Slave
Bypassed
Narrow
Wide
2.5
×T
C+30
2.5
×T
C+80
2.5
×T
C+136
55
105
161
—
—
—
ns
Table 3-21 Serial Host Interface SPI Protocol Timing (continued)
No.
Characteristics
Mode
Filter Mode
Expression
100MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com