Electronic Components Datasheet Search
  English  ▼

X  

DSP56362 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 152 page
background image
Enhanced Serial Audio Interface Timing
DSP56362 Technical Data, Rev. 4
3-62
Freescale Semiconductor
3.14
Enhanced Serial Audio Interface Timing
Table 3-24 Enhanced Serial Audio Interface Timing
No.
Characteristics1
, 2, 3
Symbol
Expression
100 MHz
Condition4
Unit
Min
Max
430 Clock cycle5
tSSICC
4 x TC
RXC:3 xTC
TXC:MAX [3xTC;t454]
40.0
30
40
—
—
i ck
x ck
x ck
ns
431 Clock high period
• For internal clock
• For external clock
—
2
× TC − 10.0
1.5
× TC
10.0
15.0
—
—
ns
432 Clock low period
• For internal clock
• For external clock
—
2
× T
C − 10.0
1.5
× T
C
10.0
15.0
—
—
ns
433 RXC rising edge to FSR out (bl) high
—
—
—
37.0
x ck
ns
—22.0
i ck a
434 RXC rising edge to FSR out (bl) low
—
—
—
—
37.0
22.0
x ck
i ck a
ns
435 RXC rising edge to FSR out (wr) high6
——
—
—
39.0
24.0
x ck
i ck a
ns
436 RXC rising edge to FSR out (wr) low6
——
—
39.0
24.0
x ck
i ck a
ns
437 RXC rising edge to FSR out (wl) high
—
—
—
—
36.0
21.0
x ck
i ck a
ns
438 RXC rising edge to FSR out (wl) low
—
—
—
—
37.0
22.0
x ck
i ck a
ns
439 Data in setup time before RXC (TXC in
synchronous mode) falling edge
——
0.0
19.0
—
—
x ck
i ck
ns
440 Data in hold time after RXC falling edge
—
—
5.0
3.0
—
—
x ck
i ck
ns
441 FSR input (bl, wr) high before RXC falling edge6
——
23.0
1.0
—
—
x ck
i ck a
ns
442 FSR input (wl) high before RXC falling edge
—
—
1.0
23.0
—
—
x ck
i ck a
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com