Electronic Components Datasheet Search
  English  ▼

X  

ADPA1116 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA1116
Description  0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1116 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA1116 Datasheet HTML 2Page - Analog Devices ADPA1116 Datasheet HTML 3Page - Analog Devices ADPA1116 Datasheet HTML 4Page - Analog Devices ADPA1116 Datasheet HTML 5Page - Analog Devices ADPA1116 Datasheet HTML 6Page - Analog Devices ADPA1116 Datasheet HTML 7Page - Analog Devices ADPA1116 Datasheet HTML 8Page - Analog Devices ADPA1116 Datasheet HTML 9Page - Analog Devices ADPA1116 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
ADPA1116
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 17
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9, 16, 17, 24, 25, 32
GND
Ground. The GND pins must be connected to RF and DC ground. See Figure 5 for the interface schematic.
2 to 6, 10 to 15, 19 to 23, 27, 28, 30
NIC
No Internal Connection. The NIC pins are not connected internally. For normal operation, connect to ground.
7
RFIN
RF Input. The RFIN pin is AC-coupled and internally matched to 50 Ω. See Figure 3 for the interface schematic.
18
RFOUT
RF Output. The RFOUT pin is AC-coupled and internally matched to 50 Ω. See Figure 6 for the interface
schematic.
26
VDD2
Drain Bias Pin for the Second Stage. See Figure 6 for the interface schematic.
29
VDD1
Drain Bias Pin for the First Stage. See Figure 7 for the interface schematic.
31
VGG1
Gate Bias for Both Stages of the Amplifier. The VGG1 pin is used to set the IDQ of the amplifier. See Figure 4 for
the interface schematic.
EPAD
Exposed Pad. Connect the exposed pad to a ground plane that has low electrical and thermal impedance.
INTERFACE SCHEMATICS
Figure 3. RFIN Interface Schematic
Figure 4. VGG1 Interface Schematic
Figure 5. GND Interface Schematic
Figure 6. VDD2 and RFOUT Interface Schematic
Figure 7. VDD1 Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com