Electronic Components Datasheet Search
  English  ▼

X  

ADPA1116 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA1116
Description  0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1116 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA1116 Datasheet HTML 9Page - Analog Devices ADPA1116 Datasheet HTML 10Page - Analog Devices ADPA1116 Datasheet HTML 11Page - Analog Devices ADPA1116 Datasheet HTML 12Page - Analog Devices ADPA1116 Datasheet HTML 13Page - Analog Devices ADPA1116 Datasheet HTML 14Page - Analog Devices ADPA1116 Datasheet HTML 15Page - Analog Devices ADPA1116 Datasheet HTML 16Page - Analog Devices ADPA1116 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Data Sheet
ADPA1116
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 17 of 17
Figure 52. 32-Lead Lead Frame Chip Scale Package, Premolded Cavity [LFCSP_CAV]
5 mm × 5 mm Body and 1.25 mm Package Height
(CG-32-2)
Dimensions shown in millimeters
Updated: April 17, 2024
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADPA1116ACGZN
−40°C to +85°C
32-Lead LFCSP_CAV (5 mm × 5 mm with EPAD)
Reel, 500
CG-32-2
ADPA1116ACGZN-R7
−40°C to +85°C
32-Lead LFCSP_CAV (5 mm × 5 mm with EPAD)
Reel, 500
CG-32-2
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Table 8. Evaluation Boards
Model1
Description
ADPA1116-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com