Electronic Components Datasheet Search
  English  ▼

X  

ADPA1116 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA1116
Description  0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1116 Datasheet(HTML) 3 Page - Analog Devices

  ADPA1116 Datasheet HTML 1Page - Analog Devices ADPA1116 Datasheet HTML 2Page - Analog Devices ADPA1116 Datasheet HTML 3Page - Analog Devices ADPA1116 Datasheet HTML 4Page - Analog Devices ADPA1116 Datasheet HTML 5Page - Analog Devices ADPA1116 Datasheet HTML 6Page - Analog Devices ADPA1116 Datasheet HTML 7Page - Analog Devices ADPA1116 Datasheet HTML 8Page - Analog Devices ADPA1116 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADPA1116
ELECTRICAL SPECIFICATIONS
analog.com
Rev. 0 | 3 of 17
0.3 GH
z TO 0.5 GHz FREQUENCY RANGE
TCASE = 25°C, supply voltage (VDD) = 28 V, target quiescent current (IDQ) = 300 mA, and frequency range = 0.3 GHz to 0.5 GHz, unless
otherwise stated.
Table 1. 0.3 GHz to 0.5 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.3
0.5
GHz
GAIN
Small Signal Gain (S21)
28.5
32.5
dB
Gain Flatness
±2.3
dB
Gain Variation over Temperature
0.04
dB/°C
RETURN LOSS
Input (S11)
9
dB
Output (S22)
7.5
dB
POWER
PIN = 16.0 dBm
Output (POUT)
35.5
38
dBm
Gain
22
dB
Power Added Efficiency (PAE)
35
%
IDQ
300
mA
Adjust the gate control voltage (VGG1) between −3 V and −1 V to
achieve an IDQ = 300 mA typical
0.5 GH
z TO 5 GHz FREQUENCY RANGE
TCASE = 25°C, VDD = 28 V, IDQ = 300 mA, and frequency range = 0.5 GHz to 5 GHz, unless otherwise stated.
Table 2. 0.5 GHz to 5 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.5
5
GHz
GAIN
S21
29.5
33.5
dB
Gain Flatness
±1.3
dB
Gain Variation over Temperature
0.04
dB/°C
RETURN LOSS
S11
12
dB
S22
13
dB
POWER
PIN = 16.0 dBm
POUT
37.5
39.5
dBm
Gain
21.5
23.5
dB
PAE
40
%
IDQ
300
mA
Adjust VGG1 between −3 V and −1 V to achieve an IDQ = 300 mA
typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com