Electronic Components Datasheet Search
  English  ▼

X  

ADPA1116 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPA1116
Description  0.3 GHz to 6 GHz, 39.5 dBm, GaN Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1116 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPA1116 Datasheet HTML 3Page - Analog Devices ADPA1116 Datasheet HTML 4Page - Analog Devices ADPA1116 Datasheet HTML 5Page - Analog Devices ADPA1116 Datasheet HTML 6Page - Analog Devices ADPA1116 Datasheet HTML 7Page - Analog Devices ADPA1116 Datasheet HTML 8Page - Analog Devices ADPA1116 Datasheet HTML 9Page - Analog Devices ADPA1116 Datasheet HTML 10Page - Analog Devices ADPA1116 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
ADPA1116
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 7 of 17
Figure 8. Small Signal Gain and Return Loss vs. Frequency,
VDD = 28 V, IDQ = 300 mA
Figure 9. Small Signal Gain vs. Frequency for Various Supply Voltages,
IDQ = 300 mA
Figure 10. Input Return Loss vs. Frequency for Various Temperatures,
VDD = 28 V, IDQ = 300 mA
Figure 11. Small Signal Gain vs. Frequency for Various Temperatures,
VDD = 28 V, IDQ = 300 mA
Figure 12. Small Signal Gain vs. Frequency for Various IDQ Values,
VDD = 28 V
Figure 13. Input Return Loss vs. Frequency for Various Supply Voltages,
IDQ = 300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com