Electronic Components Datasheet Search
  English  ▼

X  

FS5600 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 2 Page - NXP Semiconductors

  FS5600_V01 Datasheet HTML 1Page - NXP Semiconductors FS5600_V01 Datasheet HTML 2Page - NXP Semiconductors FS5600_V01 Datasheet HTML 3Page - NXP Semiconductors FS5600_V01 Datasheet HTML 4Page - NXP Semiconductors FS5600_V01 Datasheet HTML 5Page - NXP Semiconductors FS5600_V01 Datasheet HTML 6Page - NXP Semiconductors FS5600_V01 Datasheet HTML 7Page - NXP Semiconductors FS5600_V01 Datasheet HTML 8Page - NXP Semiconductors FS5600_V01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
2 Features and benefits
• 2 x high-voltage buck converters:
– Buck controller - external FETs - 900 mA gate drive - up to 15 A load capability
– Buck regulator - internal FETs - 3 A+ load capability
– ±2 % output accuracy
– 250 kHz to 3 MHz switching frequency
• High-efficiency PFM mode
• Safety features:
– Available in enhanced ASIL B, ASIL B, and QM variations
– Two internal and up to four high-accuracy external voltage monitors
– Windowed watchdog timer
– ERRMON and FCCU monitoring
– 2 x PGOOD and 1 x FS0B outputs
– ABIST and LBIST for latest failure check
• GPIOs for seamless operation with PF PMICs
• Rated from –40 °C to 150 °C TJ
• 32-Ld 5 mm x 5 mm QFN
• AEC-Q100 Grade-1 Qualified
2.1 Overview
aaa-037150
SW1 - Buck Regulator
FS5600 Functional Block Diagram
Up to 36 V Input
> 3 A Load Current
1.8 V to 8.0 V Output
Internal FET
4x VMON
2x PGOOD
ABIST
LBIST
Clock Sync
FS0B
Watchdog
I2C
Spread
Spectrum
OTP
Memory
3x GPIO
Thermal
Shutdown
Frequency
Tuning
SW2 - Buck Controller
Up to 36 V Input
Up to 15 A Load
1.8 V to 7.2 V Output
External FET
Figure 1. FS5600 Functional block diagram
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
2 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com