Electronic Components Datasheet Search
  English  ▼

X  

FS5600 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button FS5600_V01 Datasheet HTML 86Page - NXP Semiconductors FS5600_V01 Datasheet HTML 87Page - NXP Semiconductors FS5600_V01 Datasheet HTML 88Page - NXP Semiconductors FS5600_V01 Datasheet HTML 89Page - NXP Semiconductors FS5600_V01 Datasheet HTML 90Page - NXP Semiconductors FS5600_V01 Datasheet HTML 91Page - NXP Semiconductors FS5600_V01 Datasheet HTML 92Page - NXP Semiconductors FS5600_V01 Datasheet HTML 93Page - NXP Semiconductors FS5600_V01 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Bit
Symbol
Description
0
GOTO_NORMAL
Go to NORMAL state command.
Applied only when GOTO_NORMAL = NOT(NOT_GOTO_NORMAL).
1b'0 — Nothing happens.
1b'1 — Go to NORMAL state (if current state is INIT_RUN, bit self-
cleared when in state NORMAL).
Reset Condition — POR
Table 81. STATE_CTRL register description...continued
18.1.27 NOT_STATE_CTRL register
Bit
Symbol
Description
1
NOT_GOTO_INIT_RUN
Go to INIT_RUN state command.
1b'0 — See GOTO_INIT_RUN in STATE_CTRL register.
1b'1 — See GOTO_INIT_RUN in STATE_CTRL register.
Reset Condition — POR
0
NOT_GOTO_NORMAL
Go to NORMAL state command.
1b'0 — See GOTO_NORMAL in STATE_CTRL register.
1b'1 — See GOTO_NORMAL in STATE_CTRL register.
Reset Condition — POR
Table 82. NOT_STATE_CTRL register description
18.1.28 STATE register
Bit
Symbol
Description
4 to 0
PMIC_FSM[4:0]
Indicates FSM State.
5b'00100 - ABIST
5b'00101 - Power Up
5b'01000 - DEEP=FS
5b'01001 - INIT RUN
5b'01100 - NORMAL
5b'01101 - Thermal Shutdown
5b'10000 - Power Down
5b'10001 - POR
Others - Reserved
Reset Condition — POR
Table 83. STATE register description
18.1.29 ID1 register
Bit
Symbol
Description
13 to 11
FULL_LAYER_REV[2:0]
Silicon revision identification
10 to 8
METAL_LAYER_REV[2:0]
Silicon revision identification
7 to 4
FAM_ID[3:0]
Family Id (1011 for FS56).
4b'1011 — Family Id (1011 for FS56).
Reset Condition — POR
Table 84. ID1 register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
90 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com