Electronic Components Datasheet Search
  English  ▼

X  

FS5600 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FS5600_V01 Datasheet HTML 28Page - NXP Semiconductors FS5600_V01 Datasheet HTML 29Page - NXP Semiconductors FS5600_V01 Datasheet HTML 30Page - NXP Semiconductors FS5600_V01 Datasheet HTML 31Page - NXP Semiconductors FS5600_V01 Datasheet HTML 32Page - NXP Semiconductors FS5600_V01 Datasheet HTML 33Page - NXP Semiconductors FS5600_V01 Datasheet HTML 34Page - NXP Semiconductors FS5600_V01 Datasheet HTML 35Page - NXP Semiconductors FS5600_V01 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
13 BIAS_IN input
An external voltage between 3.7 V and 5.5 V can be applied at the BIAS_IN pin to reduce power consumption
in the FS5600. When a valid voltage at BIAS_IN is detected, VCC is powered directly from the BIAS_IN path,
eliminating the power dissipation in the high-voltage LDO from VIN to VCC.
In the application, if either SW1 or SW2 is set to 5.0 V on the output, NXP recommends connecting that output
to BIAS_IN. If an external 5 V is available in the system, that may be connected to BIAS_IN. Ensure that the
BIAS_IN voltage does not exceed 5.5 V.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
32 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com