Electronic Components Datasheet Search
  English  ▼

X  

FS5600 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button FS5600_V01 Datasheet HTML 76Page - NXP Semiconductors FS5600_V01 Datasheet HTML 77Page - NXP Semiconductors FS5600_V01 Datasheet HTML 78Page - NXP Semiconductors FS5600_V01 Datasheet HTML 79Page - NXP Semiconductors FS5600_V01 Datasheet HTML 80Page - NXP Semiconductors FS5600_V01 Datasheet HTML 81Page - NXP Semiconductors FS5600_V01 Datasheet HTML 82Page - NXP Semiconductors FS5600_V01 Datasheet HTML 83Page - NXP Semiconductors FS5600_V01 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Bit
Symbol
Description
4b'1011 — 64 ms.
4b'1100 — 128 ms.
4b'1101 — 256 ms.
4b'1110 — 512 ms.
4b'1111 — 1024 ms.
Reset Condition — POR
10 to 8
WDW_DC[2:0]
Watchdog window duty cycle.
Applied only when WDW_DC[2:0] = NOT(NOT_WDW_DC[2:0]).
3b'000 — Closed window 31.25 % Open window 68.75 %.
3b'001 — Closed window 37.5 % Open window 62.5 %.
3b'010 — Closed window 50 % Open window 50 %.
3b'011 — Closed window 62.5 % Open window 37.5 %.
3b'100 — Closed window 68.75 % Open window 31.25 %.
3b'101 — Closed window 50 % Open window 50 %.
3b'110 — Closed window 50 % Open window 50 %.
3b'111 — Closed window 50 % Open window 50 %.
Reset Condition — POR
Table 66. WATCHDOG_CTRL2 register description...continued
18.1.12 NOT_WATCHDOG_CTRL2 register
Bit
Symbol
Description
15 to 12
NOT_WD_WINDOW[3:0]
Watchdog window duration.
4b'0000 - 4b’1111 — See WD_WINDOW[3:0] in WATCHDOG_CTRL2
register.
Reset Condition — POR
10 to 8
NOT_WDW_DC[2:0]
Watchdog window duty cycle.
3b'000 - 3b’111 — See WDW_DC[2:0] in WATCHDOG_CTRL2
register.
Reset Condition — POR
Table 67. NOT_WATCHDOG_CTRL2 register description
18.1.13 WATCHDOG_SEED register
Bit
Symbol
Description
15 to 0
WD_SEED[15:0]
Watchdog seed.
WD_SEED[15:0] — Default value (after reset) is 16'h5AB2 for simple
or challenger watchdog.
It is impossible to write 16'hFFFF for challenger watchdog.
It is impossible to write 16'h0000 or 16'hFFFF for simple watchdog.
Reset Condition — POR
Table 68. WATCHDOG_SEED register description
18.1.14 WATCHDOG_ANSWER register
Bit
Symbol
Description
15 to 0
WD_ANSWER[15:0]
Watchdog answer.
Table 69. WATCHDOG_ANSWER register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
80 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com