Electronic Components Datasheet Search
  English  ▼

X  

FS5600 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button FS5600_V01 Datasheet HTML 24Page - NXP Semiconductors FS5600_V01 Datasheet HTML 25Page - NXP Semiconductors FS5600_V01 Datasheet HTML 26Page - NXP Semiconductors FS5600_V01 Datasheet HTML 27Page - NXP Semiconductors FS5600_V01 Datasheet HTML 28Page - NXP Semiconductors FS5600_V01 Datasheet HTML 29Page - NXP Semiconductors FS5600_V01 Datasheet HTML 30Page - NXP Semiconductors FS5600_V01 Datasheet HTML 31Page - NXP Semiconductors FS5600_V01 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
OTP_SW2_VOLT[5:0]
SW2 voltage setting (V)
111111
Reserved. Do not use.
Table 22. OTP_SW2_VOLT[5:0] Selection...continued
12.2.3 Pulse skipping operation
At high VIN/VOUT ratio with high switching frequency, the controller may start to skip pulses to maintain
regulation. The minimum on-time of high side FET is programmable via the OTP_SW2_TON_MIN[1:0] bits.
OTP_SW2_TON_MIN[1:0]
SW2 minimum on-time (ns)
00
45 (recommended for 450 kHz operation)
01
65
10
25 (recommended for 2.2 MHz operation)
11
45
Table 23. OTP_SW2_TON_MIN[1:0] Selection
12.2.4 PFM operation
When the OTP_MODE_SYNCINB bit = 0, the MODE/SYNCIN pin is configured as a SYNCIN input. In
this case, switching mode of SW2 can be selected using the SW2_MODE[1:0] bits. The default value of
SW2_MODE[1:0] is loaded from OTP_SW2_MODE[1:0].
OTP_SW2_MODE[1:0]
SW2_MODE[1:0]
SW2 operating mode
00
PFM
01
Reserved. Do not use.
10
Reserved. Do not use.
11
PWM
Table 24. SW2_MODE[2:0] selection
When the OTP_MODE_SYNCINB bit = 1, the MODE/SYNCIN pin is configured as a MODE input that can be
used to select the operating mode of SW2 between PWM (MODE = 0) and PFM (MODE = 1). Do not use the
SW2_MODE[1:0] to change the operating mode to avoid conflicts between the pin and the register bits.
On-time of the pulses in PFM mode is configurable using the OTP_SW2_PFM_TON[1:0] bits.
OTP_SW2_PFM_TON[1:0] = 0b10 offers a good compromise between quiescent current and the output ripple
for most applications.
OTP_SW2_PFM_TON[1:0]
SW2 PFM on-time (ns)
00
120
01
210
10
300
11
550
Table 25. OTP_SW2_PFM_TON[1:0] Selection
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
28 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com