Electronic Components Datasheet Search
  English  ▼

X  

SP6126 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6126
Description  High-Voltage, Step Down Controller in TSOT6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6126 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6126 Datasheet HTML 3Page - Sipex Corporation SP6126 Datasheet HTML 4Page - Sipex Corporation SP6126 Datasheet HTML 5Page - Sipex Corporation SP6126 Datasheet HTML 6Page - Sipex Corporation SP6126 Datasheet HTML 7Page - Sipex Corporation SP6126 Datasheet HTML 8Page - Sipex Corporation SP6126 Datasheet HTML 9Page - Sipex Corporation SP6126 Datasheet HTML 10Page - Sipex Corporation SP6126 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Mar 29-07 RevD
SP6126: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
7
Power MOSFET Selection
Select the Power MOSFET for Voltage rating
BVDSS, On resistance RDS(ON), and thermal
resistance Rthja. BVDSS should be about twice
as high as VIN in order to guard against
switching transients. Recommended MOSFET
voltage rating for VIN of 5V, 12V and 24V is
12V, 30V and 40V respectively. RDS(ON) has to
be selected such that when operating at peak
current
and
junction
temperature
the
Overcurrent threshold of the SP6126 is not
exceeded.
Allowing
50%
for
temperature
coefficient of RDS(ON) and 15% for inductor
current ripple, the following expression can be
used:
×
×
≤
Iout
mV
ON
RDS
15
.
1
5
.
1
300
)
(
Within this constraint, selecting MOSFETs with
lower RDS(ON) will reduce conduction losses at
the expense of increased switching losses. As
a rule of thumb select the highest RDS(ON)
MOSFET
that
meets
the
above
criteria.
Switching losses can be assumed to roughly
equal the conduction losses. A simplified
expression for conduction losses is given by:
×
×
=
Vin
Vout
ON
RDS
Iout
Pcond
)
(
MOSFET’s
junction
temperature
can
be
estimated from:
(
) Tambient
Rthja
Pc
T
+
×
×
= 2
Schottky Rectifier selection
Select the Schottky for Voltage rating VR,
Forward voltage Vf, and thermal resistance
Rthja. Voltage rating should be selected using
the same guidelines outlined for MOSFET
voltage
selection.
For
a
low
duty
cycle
application such as the circuit shown on first
page, the Schottky is conducting most of the
time and its conduction losses are the largest
component
of
losses
in
the
converter.
Conduction losses can be estimated from:
−
×
×
=
Vin
Vout
Iout
Vf
Pc
1
where:
Vf is diode forward voltage at IOUT
Schottky’s AC losses due to its switching
capacitance are negligible.
Inductor Selection
Select the Inductor for inductance L and
saturation current ISAT. Select an inductor with
ISAT
higher than the programmed overcurrent.
Calculate inductance from:
(
)


×


×
×
−
=
Irip
f
Vin
Vout
Vout
Vin
L
1
1
where:
VIN is converter input voltage
VOUT is converter output voltage
f is switching frequency
IRIP
is inductor peak-to-peak current ripple
(nominally set to 30% of IOUT)
Keep in mind that a higher IRIP results in a
smaller inductor which has the advantages of
small size, low DC equivalent resistance DCR,
high saturation current ISAT and allows the use
of a lower output capacitance to meet a given
step load transient. A higher
IRIP
, however,
increases
the
output
voltage
ripple
and
increases the current at which converter enters
Discontinuous Conduction Mode. The output
current at which converter enters DCM is ½ of
IRIP
. Note that a negative current step load that
drives the converter into DCM will result in a
large output voltage transient. Therefore the
lowest current for a step load should be larger
than ½ of IRIP.
Output Capacitor Selection
Select the output capacitor for voltage rating,
capacitance and Equivalent Series Resistance
(ESR). Nominally the voltage rating is selected
to be twice as large as the output voltage.
Select
the
capacitance
to
satisfy
the
specification
for
output
voltage
overshoot/undershoot caused by current step
load.
A
steady-state
output
current
IOUT
corresponds to inductor stored energy of ½ L IOUT
2.
GENERAL OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com