Electronic Components Datasheet Search
  English  ▼

X  

SP6126 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6126
Description  High-Voltage, Step Down Controller in TSOT6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6126 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6126 Datasheet HTML 1Page - Sipex Corporation SP6126 Datasheet HTML 2Page - Sipex Corporation SP6126 Datasheet HTML 3Page - Sipex Corporation SP6126 Datasheet HTML 4Page - Sipex Corporation SP6126 Datasheet HTML 5Page - Sipex Corporation SP6126 Datasheet HTML 6Page - Sipex Corporation SP6126 Datasheet HTML 7Page - Sipex Corporation SP6126 Datasheet HTML 8Page - Sipex Corporation SP6126 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Mar 29-07 RevD
SP6126: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
2
These are stress ratings only, and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect
reliability.
ABSOLUTE MAXIMUM RATINGS
Input Voltage….................................................-0.3V to 30V
Lx………………………………………………….…-2V to 30V
FB……………..................................................-0.3V to 5.5V
Storage Temperature..………………...……-65 °C to 150 °C
Junction Temperature...................................-40°C to 125°C
Lead Temperature (Soldering, 10 sec)….….………..300 °C
ESD Rating……….….…1kV LX, 2kV all other nodes, HBM
ELECTRICAL SPECIFICATIONS
Specifications are for TAMB=TJ=25°C, and those denoted by ♦ apply over the full operating range, -40°C< Tj <85°C. Unless
otherwise specified: VIN =4.5V to 29V, CIN = 4.7µF.
PARAMETER
MIN
TYP
MAX
UNITS
♦
CONDITIONS
UVLO Turn-On Threshold
4.2
4.35
4.5
V
0°C< Tj <85°C
UVLO Turn-Off Threshold
4.0
4.2
4.4
V
0°C< Tj <85°C
UVLO Hysterisis
0.2
V
Operating
Input
Voltage
Range
4.5
29
V
0°C< Tj <85°C
Operating
Input
Voltage
Range
7
29
V
♦
Operating VCC Current
0.3
3
mA
VFB=1.2V
Reference Voltage Accuracy
0.5
1
%
Reference Voltage Accuracy
0.5
2
%
♦
Reference Voltage
0.594
0.6
0.606
V
Reference Voltage
0.588
0.6
0.612
V
♦
Switching Frequency
510
600
690
kHz
Peak-to-peak ramp Modulator
VIN/5
V
Minimum ON-Time Duration
40
100
ns
♦
Minimum Duty Cycle
0
%
Maximum Duty Cycle
100
%
Gate
Driver
Turn-Off
Resistance
50
60
k
Internal resistor between GATE and
VIN
Gate
Driver
Pull-Down
Resistance
4
8
VIN=12V,
VFB=0.5V,
Measure
resistance between GATE and VDR
Gate
Driver
Pull-up
Resistance
3
6
VIN=12V,
VFB=0.7V,
Measure
resistance between GATE and VIN
VIN - VDR voltage difference
4.5
5.5
V
♦
Measure VIN – VDR, VIN>7V
Overcurrent Threshold
270
300
330
mV
Measure VIN - LX
LX pin Input Current
25
30
35
uA
VLX = VIN
OFF interval during hiccup
100
ms
Soft start time
3
5
9
ms
VFB=0.58V,
measure
between
VIN=4.5V and first GATE pulse
SHDN Threshold
0.9
1.0
1.1
V
♦
Apply voltage to FB
SHDN Threshold Hysteresis
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com