Electronic Components Datasheet Search
  English  ▼

X  

SP6126 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6126
Description  High-Voltage, Step Down Controller in TSOT6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6126 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6126 Datasheet HTML 5Page - Sipex Corporation SP6126 Datasheet HTML 6Page - Sipex Corporation SP6126 Datasheet HTML 7Page - Sipex Corporation SP6126 Datasheet HTML 8Page - Sipex Corporation SP6126 Datasheet HTML 9Page - Sipex Corporation SP6126 Datasheet HTML 10Page - Sipex Corporation SP6126 Datasheet HTML 11Page - Sipex Corporation SP6126 Datasheet HTML 12Page - Sipex Corporation SP6126 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Mar 29-07 RevD
SP6126: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
9
High=Of f
L1, IHLP-2525CZ
6.8uH, 60mOhm, 4.5A
C4
22uF
Ds
MBRA340T3G
R1
200k, 1%
RZ
2K
R2
44.2k, 1%
Q1
Si2343DS
CZ
62pF
C7
0.1uF
C1
10uF
Rs=1k
D1 1N4148
12V
SHDN
VIN
GND
GND
VOUT
Vin
GND
VDR
VFB
Gate
LX
SP6126
3.3V
0-2.0A
5
3
1
2
6
4
Figure 4- Application circuit for VIN=12V
C2
2.2uF
C1, C2 CERAMIC, 50V
L1, Vishay IHLP-2525CZ
6.8uH, 4.5A, 60mOhm
Ds, MBRA340T3
3A, 40V
R1
200k, 1%
RZ
2K
R2
44.2k, 1%
M1, Si4447DY
72mOhm, 40V
CZ
62pF
C7
0.1uF
Rs 1k
C4, ceramic
22uF, 6.3V
D1 1N4148
24-29V
SHDN
GND
VIN
GND
VOUT
VDR
VFB
Vin
Gate
LX
GND
SP6126
3.3V
0-2.0A
1
5
3
2
6
4
C1
2.2uF
Figure 5- Application circuit for VIN = 24-29V
APPLICATION CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com