Electronic Components Datasheet Search
  English  ▼

X  

SP6126 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6126
Description  High-Voltage, Step Down Controller in TSOT6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6126 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6126 Datasheet HTML 6Page - Sipex Corporation SP6126 Datasheet HTML 7Page - Sipex Corporation SP6126 Datasheet HTML 8Page - Sipex Corporation SP6126 Datasheet HTML 9Page - Sipex Corporation SP6126 Datasheet HTML 10Page - Sipex Corporation SP6126 Datasheet HTML 11Page - Sipex Corporation SP6126 Datasheet HTML 12Page - Sipex Corporation SP6126 Datasheet HTML 13Page - Sipex Corporation SP6126 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Mar 29-07 RevD
SP6126: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
11
TYPICAL PERFORMANCE CHARACTERISTICS
SP6126 Efficiency versus Iout, Vin=24V,Ta=25C
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
Iout (A)
Vout=3.3V
Vout=5V
Figure 8- Efficiency at VIN = 24 V
SP6126 Efficiency versus Iout, Vin=5V,Ta=25C
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
Vout=2.5V
Vout=3.3V
Figure 9- Efficiency at VIN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com