Electronic Components Datasheet Search
  English  ▼

X  

SP6126 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6126
Description  High-Voltage, Step Down Controller in TSOT6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6126 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6126 Datasheet HTML 4Page - Sipex Corporation SP6126 Datasheet HTML 5Page - Sipex Corporation SP6126 Datasheet HTML 6Page - Sipex Corporation SP6126 Datasheet HTML 7Page - Sipex Corporation SP6126 Datasheet HTML 8Page - Sipex Corporation SP6126 Datasheet HTML 9Page - Sipex Corporation SP6126 Datasheet HTML 10Page - Sipex Corporation SP6126 Datasheet HTML 11Page - Sipex Corporation SP6126 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Mar 29-07 RevD
SP6126: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
8
A sudden decrease in IOUT forces the energy
surplus in L to be absorbed by COUT. This
causes an overshoot in output voltage that is
corrected by power switch reduced duty cycle.
Use the following equation to calculate COUT:
−
×
=
2
2
Vout
-
Vos
1
2
I
I
L
Cout
Where:
L is the output inductance
I
2 is the step load high current
I
1 is the step load low current
Vos is output voltage including overshoot
VOUT is steady state output voltage
Output voltage undershoot calculation is more
complicated. Test results for SP6126 buck
circuits show that undershoot is approximately
equal to overshoot. Therefore above equation
provides a satisfactory method for calculating
COUT.
Select ESR such that output voltage ripple
(VRIP) specification is met. There are two
components to VRIP: First component arises
from charge transferred to and from COUT
during each cycle. The second component of
VRIP is due to inductor ripple current flowing
through output capacitor’s ESR. It can be
calculated from:
2
2
8
1


×
×
+
×
=
fs
Cout
ESR
Irip
Vrip
Where:
IRIP
is inductor ripple current
fs is switching frequency
COUT is output capacitor calculated above
Note that a smaller inductor results in a higher
IRIP
, therefore requiring a larger COUT and/or
lower ESR in order to meet VRIP.
Input Capacitor Selection
Select
the
input
capacitor
for
Voltage,
Capacitance, ripple current, ESR and ESL.
Voltage rating is nominally selected to be twice
the input voltage. The RMS value of input
capacitor current, assuming a low inductor
ripple current (IRIP), can be calculated from:
(
)
D
D
Iout
Icin
−
×
=
1
In general total input voltage ripple should be
kept below 1.5% of VIN (not to exceed 180mV).
Input voltage ripple has three components:
ESR and ESL cause a step voltage drop upon
turn on of the MOSFET. During on time
capacitor discharges linearly as it supplies
IOUT-Iin. The contribution to Input voltage ripple
by each term can be calculated from:
(
)
2
,
Vin
Cin
fs
Vout
Vin
Vout
Iout
Cin
V
×
×
−
×
×
=
∆
(
)
Irip
Iout
ESR
ESR
V
5
.
0
,
−
=
∆
(
)
Trise
Irip
Iout
ESL
ESL
V
5
.
0
,
−
=
∆
Where Trise is the rise time of current through
capacitor
Total input voltage ripple is sum of the above:
ESL
V
ESR
V
Cin
V
Tot
V
,
,
,
,
∆
+
∆
+
∆
=
∆
GENERAL OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com