Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments INA210 Datasheet HTML 17Page - Texas Instruments INA210 Datasheet HTML 18Page - Texas Instruments INA210 Datasheet HTML 19Page - Texas Instruments INA210 Datasheet HTML 20Page - Texas Instruments INA210 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
6.4.3 REF Input Impedance Effects
As with any difference amplifier, the INA21x series common-mode rejection ratio is affected by any impedance
present at the REF input. This concern is not a problem when the REF pin is connected directly to most
references or power supplies. When using resistive dividers from the power supply or a reference voltage, the
REF pin must be buffered by an op amp.
In systems where the INA21x output can be sensed differentially, such as by a differential input analog-to-digital
converter (ADC) or by using two separate ADC inputs, the effects of external impedance on the REF input can
be cancelled. Figure 6-4 depicts a method of taking the output from the INA21x by using the REF pin as a
reference.
Output
Device
Load
Supply
ADC
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
2.7 V to 26 V
REF
R
1
R
3
R
2
R
4
R
SHUNT
Copyright © 2017, Texas Instruments Incorporated
Figure 6-4. Sensing the INA21x to Cancel the Effects of Impedance on the REF Input
6.4.4 Using The INA21x With Common-Mode Transients Above 26 V
With a small amount of additional circuitry, the INA21x series can be used in circuits subject to transients higher
than 26 V, such as automotive applications. Use only zener diode or zener-type transient absorbers (sometimes
referred to as transzorbs) ;any other type of transient absorber has an unacceptable time delay. Start by adding
a pair of resistors as a working impedance for the zener; see Figure 6-5. Keeping these resistors as small
as possible is preferable, typically around 10 Ω. Larger values can be used with an effect on gain that is
discussed in the Section 6.4.1 section. Because this circuit limits only short-term transients, many applications
are satisfied with a 10-Ω resistor along with conventional zener diodes of the lowest power rating that can be
found. This combination uses the least amount of board space. These diodes can be found in packages as small
as SOT-523 or SOD-523.
www.ti.com
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com