Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA210 Datasheet HTML 26Page - Texas Instruments INA210 Datasheet HTML 27Page - Texas Instruments INA210 Datasheet HTML 28Page - Texas Instruments INA210 Datasheet HTML 29Page - Texas Instruments INA210 Datasheet HTML 30Page - Texas Instruments INA210 Datasheet HTML 31Page - Texas Instruments INA210 Datasheet HTML 32Page - Texas Instruments INA210 Datasheet HTML 33Page - Texas Instruments INA210 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-May-2024
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
INA212BIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
13U
Samples
INA212CIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
16E
Samples
INA212CIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
16V
Samples
INA213AIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
CFT
Samples
INA213AIDCKT
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
CFT
Samples
INA213AIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KPJ
Samples
INA213AIRSWT
NRND
UQFN
RSW
10
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KPJ
INA213BIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
SEF
Samples
INA213BIDCKT
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
SEF
Samples
INA213BIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
SHT
Samples
INA213CIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
16F
Samples
INA213CIDCKT
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
16F
Samples
INA213CIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
16W
Samples
INA213CIRSWT
NRND
UQFN
RSW
10
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
16W
INA214AIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
CFV
Samples
INA214AIDCKT
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
CFV
Samples
INA214AIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KRJ
Samples
INA214BIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
SEA
Samples
INA214BIDCKT
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
SEA
Samples
INA214BIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
SHU
Samples
INA214CIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
16G
Samples
INA214CIDCKT
NRND
SC70
DCK
6
250
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
16G
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com