Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 4 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VS
26
V
Analog inputs, VIN+, VIN– (2)
Differential (VIN+) – (VIN–)
–26
26
V
Common-mode (Version A)(3)
GND – 0.3
26
V
Common-mode (Version B)(3)
GND – 0.1
26
V
Common-mode (Version C)(3)
GND – 0.1
26
V
REF input
GND – 0.3
(VS) + 0.3
V
Output(3)
GND – 0.3
(VS) + 0.3
V
Input current into any terminal(3)
5
mA
Operating temperature
–55
150
°C
Junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
(3)
Input voltage at any terminal may exceed the voltage shown if the current at that pin is limited to 5 mA.
5.2 ESD Ratings
VALUE
UNIT
INA21x, (VERSION A)
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
INA21x, (VERSIONS B AND C)
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
12
V
VS
Operating supply voltage
5
V
TA
Operating free-air temperature
–40
125
°C
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com