Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C, VSENSE = VIN+ – VIN–
INA210, INA213, INA214, and INA215: VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted
INA211 and INA212: VS = 12 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage noise density
25
nV/√ Hz
POWER SUPPLY
VS
Operating voltage range
TA = –40°C to +125°C
2.7
26
V
IQ
Quiescent current
VSENSE = 0 mV
65
100
µA
IQ over temperature
TA = –40°C to +125°C
115
µA
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–55
150
°C
θ JA
Thermal resistance
SC70
250
°C/W
Thin UQFN
80
°C/W
(1)
RTI = referred-to-input.
(2)
See Typical Characteristic curve, Output Voltage Swing vs Output Current (Figure 5-10).
www.ti.com
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com