Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA210 Datasheet HTML 27Page - Texas Instruments INA210 Datasheet HTML 28Page - Texas Instruments INA210 Datasheet HTML 29Page - Texas Instruments INA210 Datasheet HTML 30Page - Texas Instruments INA210 Datasheet HTML 31Page - Texas Instruments INA210 Datasheet HTML 32Page - Texas Instruments INA210 Datasheet HTML 33Page - Texas Instruments INA210 Datasheet HTML 34Page - Texas Instruments INA210 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-May-2024
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
INA214CIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
16X
Samples
INA215AIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
SME
Samples
INA215AIDCKT
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
SME
Samples
INA215BIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
13S
Samples
INA215BIDCKT
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
13S
Samples
INA215BIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
13R
Samples
INA215CIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
17K
Samples
INA215CIRSWR
ACTIVE
UQFN
RSW
10
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
16Z
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Addendum-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com