Electronic Components Datasheet Search
  English  ▼

X  

KS8993ML Datasheet(PDF) 49 Page - Micrel Semiconductor

Part # KS8993ML
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993ML Datasheet(HTML) 49 Page - Micrel Semiconductor

Back Button KS8993ML Datasheet HTML 45Page - Micrel Semiconductor KS8993ML Datasheet HTML 46Page - Micrel Semiconductor KS8993ML Datasheet HTML 47Page - Micrel Semiconductor KS8993ML Datasheet HTML 48Page - Micrel Semiconductor KS8993ML Datasheet HTML 49Page - Micrel Semiconductor KS8993ML Datasheet HTML 50Page - Micrel Semiconductor KS8993ML Datasheet HTML 51Page - Micrel Semiconductor KS8993ML Datasheet HTML 52Page - Micrel Semiconductor KS8993ML Datasheet HTML 53Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
49
M9999-041205
Register 3 (0x03): Global Control 1
Bit
Name
R/W
Description
Default
7
Pass all frames
R/W
= 1, switch all packets including bad ones. Used
solely for debugging purposes. Works in conjunction
with sniffer mode only.
0
6
Repeater
mode
R/W
0 = normal mode
1 = repeater mode (half duplex Hub mode)
0
5
IEEE 802.3x
Transmit
direction flow
control enable
R/W
= 1, will enable transmit direction flow control feature.
= 0, will not enable transmit direction flow control
feature.
1
4
IEEE 802.3x
Receive
direction flow
control enable
R/W
= 1, will enable receive direction flow control feature.
= 0, will not enable receive direction flow control
feature.
1
3
Frame Length
field check
R/W
1 = will check frame length field in the IEEE packets.
If the actual length does not match, the packet will be
dropped
(for Length/Type field < 1500).
0
2
Aging enable
R/W
1 = enable age function in the chip
0 = disable age function in the chip
1
1
Fast age
enable
R/W
1 = turn on fast age (800us)
0
0
Aggressive
back off enable
R/W
1 = enable more aggressive back off algorithm in half
duplex mode to enhance performance. This is not an
IEEE standard.
SMAC (pin
69) value
during
reset.
Register 4 (0x04): Global Control 2
Bit
Name
R/W
Description
Default
7
Unicast port-
VLAN
mismatch
discard
R/W
This feature is used for port-VLAN (described in reg.
17, reg. 33, …)
= 1, all packets can not cross VLAN
boundary
= 0, unicast packets (excluding
unkown/multicast/broadcast) can cross VLAN
boundary
Note: Port mirroring is not supported if this bit is set to
“0”.
1
6
Multicast storm
protection
disable
R/W
= 1, “Broadcast Storm Protection” does not include
multicast packets. Only
DA = FFFFFFFFFFFF packets will be
regulated.
= 0, “Broadcast Storm Protection” includes
DA = FFFFFFFFFFFF and DA[40] = 1 packets.
1
5
Back pressure
Mode
R/W
= 1, carrier sense based backpressure is selected
= 0, collision based backpressure is selected
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com