Electronic Components Datasheet Search
  English  ▼

X  

KS8993ML Datasheet(PDF) 53 Page - Micrel Semiconductor

Part # KS8993ML
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993ML Datasheet(HTML) 53 Page - Micrel Semiconductor

Back Button KS8993ML Datasheet HTML 49Page - Micrel Semiconductor KS8993ML Datasheet HTML 50Page - Micrel Semiconductor KS8993ML Datasheet HTML 51Page - Micrel Semiconductor KS8993ML Datasheet HTML 52Page - Micrel Semiconductor KS8993ML Datasheet HTML 53Page - Micrel Semiconductor KS8993ML Datasheet HTML 54Page - Micrel Semiconductor KS8993ML Datasheet HTML 55Page - Micrel Semiconductor KS8993ML Datasheet HTML 56Page - Micrel Semiconductor KS8993ML Datasheet HTML 57Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
53
M9999-041205
Register 11 (0x0B): Global Control 9 (continued)
Bit
Name
R/W
Description
Default
2
Reserved
R/W
Reserved
0
1
LED mode
R/W
This register bit sets the LEDSEL0 selection only.
LEDSEL1 is set via strap-in pin.
Port x LED indicators, defined as below:
[LEDSEL1, LEDSEL0]
[0, 0]
[0, 1]
PxLED3
------
------
PxLED2
LINK/ACT
100LINK/ACT
PxLED1
FULL_DPX/COL
10LINK/ACT
PxLED0
SPEED
FULL_DPX
[LEDSEL1, LEDSEL0]
[1, 0]
[1, 1]
PxLED3
ACT
------
PxLED2
LINK
------
PxLED1
FULL_DPX/COL
------
PxLED0
SPEED
------
Notes:
LEDSEL0 is external strap-in pin #70.
LEDSEL1 is external strap-in pin #23.
LEDSEL0
pin value
during
reset.
0
Special
TPID
mode
R/W
Used for direct mode forwarding from port 3. See
description in “spanning tree” functional description.
0 = disable
1 = enable
0
Register 12 (0x0C): Reserved Register
Bit
Name
R/W
Description
Default
7-0
Reserved
Reserved
0x00
Register 13 (0x0D): User Defined Register 1
Bit
Name
R/W
Description
Default
7-0
UDR1
R/W
0x00
Register 14 (0x0E): User Defined Register 2
Bit
Name
R/W
Description
Default
7-0
UDR2
R/W
0x00
Register 15 (0x0F): User Defined Register 3
Bit
Name
R/W
Description
Default
7-0
UDR3
R/W
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com