Electronic Components Datasheet Search
  English  ▼

X  

KS8993ML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # KS8993ML
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993ML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button KS8993ML Datasheet HTML 5Page - Micrel Semiconductor KS8993ML Datasheet HTML 6Page - Micrel Semiconductor KS8993ML Datasheet HTML 7Page - Micrel Semiconductor KS8993ML Datasheet HTML 8Page - Micrel Semiconductor KS8993ML Datasheet HTML 9Page - Micrel Semiconductor KS8993ML Datasheet HTML 10Page - Micrel Semiconductor KS8993ML Datasheet HTML 11Page - Micrel Semiconductor KS8993ML Datasheet HTML 12Page - Micrel Semiconductor KS8993ML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
9
M9999-041205
Pin Description and I/O Assignment
Pin Number
Pin Name
Type
(1)
Description
1
2
3
P1LED2
P1LED1
P1LED0
Ipu/O
Ipu/O
Ipu/O
Port 1 LED indicators
[LEDSEL1, LEDSEL0]
[0, 0]
[0, 1]
P1LED3
—
—
P1LED2
Link/Act
100Link/Act
P1LED1
Full duplex/Col
10Link/Act
P1LED0
Speed
Full duplex
[LEDSEL1, LEDSEL0]
[1, 0]
[1, 1]
P1LED3
Act
—
P1LED2
Link
—
P1LED1
Full duplex/Col
—
P1LED0
Speed
—
Notes:
LEDSEL0 is external strap-in pin 70.
LEDSEL1 is external strap-in pin 23.
P1LED3 is pin 25.
During reset, P1LED[2:0] are inputs for internal testing.
4
5
6
P2LED2
P2LED1
P2LED0
Ipu/O
Ipu/O
Ipu/O
Port 2 LED indicators
[LEDSEL1, LEDSEL0]
[0, 0]
[0, 1]
P2LED3
—
—
P2LED2
Link/Act
100Link/Act
P2LED1
Full duplex/Col
10Link/Act
P2LED0
Speed
Full duplex
[LEDSEL1, LEDSEL0]
[1, 0]
[1, 1]
P2LED3
Act
—
P2LED2
Link
—
P2LED1
Full duplex/Col
—
P2LED0
Speed
—
Notes:
LEDSEL0 is external strap-in pin 70.
LEDSEL1 is external strap-in pin 23.
P2LED3 is pin 20.
During reset, P2LED[2:0] are inputs for internal testing.
7
DGND
Gnd
Digital ground
Note:
1. Ipu/O = Input with internal pull-up during reset, output pin otherwise.
Gnd = Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com