Electronic Components Datasheet Search
  English  ▼

X  

AP602 Datasheet(PDF) 11 Page - WJ Communication. Inc.

Part # AP602
Description  High Dynamic Range 4W 28V HBT Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP602 Datasheet(HTML) 11 Page - WJ Communication. Inc.

Back Button AP602 Datasheet HTML 3Page - WJ Communication. Inc. AP602 Datasheet HTML 4Page - WJ Communication. Inc. AP602 Datasheet HTML 5Page - WJ Communication. Inc. AP602 Datasheet HTML 6Page - WJ Communication. Inc. AP602 Datasheet HTML 7Page - WJ Communication. Inc. AP602 Datasheet HTML 8Page - WJ Communication. Inc. AP602 Datasheet HTML 9Page - WJ Communication. Inc. AP602 Datasheet HTML 10Page - WJ Communication. Inc. AP602 Datasheet HTML 11Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 11 of 11 May 2007 ver 1
AP602
High Dynamic Range 4W 28V HBT Amplifier
AP602-F Mechanical Information
This package is lead-free and RoHS-compliant. It is compatible with both lead-free (maximum 260
°C reflow temperature) and leaded
(maximum 245
°C reflow temperature) soldering processes. The plating material on the pins is annealed matte tin over copper.
Outline Drawing
Mounting Configuration / Land Pattern
Thermal Specifications
Parameter
Rating
Thermal Resistance, ΘJC
Referenced from peak junction to the
center of the bottomside ground paddle
16.6
°C / W
Junction Temperature, TJ
For 106 hours MTTF
192 ºC
Max Junction Temperature, TJ,max
For catastrophic failure
250 ºC
Product Marking
The component will be laser marked with an
“AP602-F” product label with an alphanumeric
lot code on the top surface of the package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
Functional Pin Layout
Pin
Function
1
PIN_VBIAS
2, 3, 7, 8, 12, 13
N/C
4, 5, 6
RF IN
9, 10, 11
RF Output / Vcc
14
PIN_VPD
Backside paddle
GND
MSL / ESD Rating
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
1000V to <2000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 3 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
MTTF vs. Junction Temperature
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
120
140
160
180
200
Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com