Electronic Components Datasheet Search
  English  ▼

X  

AP602 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # AP602
Description  High Dynamic Range 4W 28V HBT Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP602 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  AP602 Datasheet HTML 1Page - WJ Communication. Inc. AP602 Datasheet HTML 2Page - WJ Communication. Inc. AP602 Datasheet HTML 3Page - WJ Communication. Inc. AP602 Datasheet HTML 4Page - WJ Communication. Inc. AP602 Datasheet HTML 5Page - WJ Communication. Inc. AP602 Datasheet HTML 6Page - WJ Communication. Inc. AP602 Datasheet HTML 7Page - WJ Communication. Inc. AP602 Datasheet HTML 8Page - WJ Communication. Inc. AP602 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 11 May 2007 ver 1
AP602
High Dynamic Range 4W 28V HBT Amplifier
Product Features
• 800 – 2400 MHz
• +35.7 dBm P1dB
• -52 dBc ACLR @ ½W PAVG
• -47 dBc IMD3 @ ½W PEP
• 16% Efficiency @ ½W PAVG
• Internal Active Bias
• Internal Temp Compensation
• Capable of handling 7:1 VSWR @
28 Vcc, 2.14 GHz, 3W CW Pout
• Lead-free/RoHS-compliant
5x6 mm power DFN package
Applications
• Mobile Infrastructure HPA
• WiBro HPA
Product Description
The AP602 is a high dynamic range power amplifier in a
lead-free/RoHS-compliant 5x6mm power DFN SMT
package. The single stage amplifier has excellent backoff
linearity, while being able to achieve high performance for
800-2400 MHz applications with up to +35.7 dBm of
compressed 1dB power.
The AP602 uses a high reliability, high voltage
InGaP/GaAs HBT process technology.
The device
incorporates proprietary bias circuitry to compensate for
variations in linearity and current draw over temperature.
The module does not require any negative bias voltage; an
internal active bias allows the AP602 to operate directly off
a commonly used high voltage supply (typically +24 to
+32V). An added feature allows the quiescent bias to be
adjusted externally to meet specific system requirements.
The AP602 is targeted for use as a pre-driver and driver
stage amplifier in wireless infrastructure where high
linearity and high efficiency is required. This combination
makes the device an excellent candidate for next generation
multi-carrier 3G mobile infrastructure.
Functional Diagram
ACLR1 vs. Output Power vs. Vcc
WCDMA, Icq = 80 mA, 2140 MHz, 25 ˚C
-65
-60
-55
-50
-45
-40
19
21
23
25
27
29
Average Output Power (dBm)
26 V
28 V
30 V
32 V
Specifications
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB
@ 0.01% Probability, 3.84 MHz BW, Vcc = +28V, Icq = 80 mA
Parameter
Units Min
Typ
Max
Operational Bandwidth
MHz
800
2200
Test Frequency
MHz
2140
Output Channel Power
dBm
+27
Power Gain
dB
13
Input Return Loss
dB
9
Output Return Loss
dB
9
ACLR
dBc
-52
IMD3 @ +27 dBm PEP
dBc
-47
PIN_VPD Current, Ipd
mA
2
Operating Current, Icc
mA
112
Collector Efficiency
%
15.7
Output P1dB
dBm
+35.7
Quiescent Current, Icq
mA
80
Vpd, Vbias
V
+5
Vcc
V
+28
Absolute Maximum Rating
Parameter
Rating
Storage Temperature, Tstg
-55 to +125 ºC
Junction Temperature, TJ
For 106 hours MTTF
192 ºC
RF Input Power (CW tone), Pin
Input P6dB
Breakdown Voltage C-B, BVCBO
80 V @ 0.1 mA
Breakdown Voltage C-E, BVCEO
51 V @ 0.1 mA
Quiescent Bias Current, ICQ
160 mA
Power Dissipation, PDISS
4.7 W
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB
@ 0.01% Probability, 3.84 MHz BW, Vcc = +28V, Icq = 80 mA
Parameter
Units
Typical
Test Frequency
MHz
940
1960
2140
Channel Power
dBm
+27
+27
+27
Power Gain
dB
15.5
14.2
13
Input Return Loss
dB
11
12
9
Output Return Loss
dB
6.4
9
9
ACLR
dBc
-50
-50
-52
IMD3 @ +27 dBm PEP
dBc
-62
-51
-47
Operating Current, Icc
mA
103
103
112
Collector Efficiency
%
17
17
15.7
Output P1dB
dBm
+35.7
+35.5
+35.7
Quiescent Current, Icq
mA
80
Vpd, Vbias
V
+5
Vcc
V
+28
Notes:
1. The reference designs shown in this datasheet have the device optimized for WCDMA ACLR
performance at +25
° C. Biasing for the amplifier is suggested at Vcc = +28V and Icq = 80 mA to
achieve the best tradeoff in terms of efficiency and linearity. Increasing Icq will improve upon the
device linearity (IMD3 and ACLR), but will decrease the efficiency performance slightly. More
information is given in the other parts of this datasheet.
2. The AP602 evaluation board has been tested for ruggedness to be capable of handling:
7:1 VSWR @ +28 Vcc, 2140 MHz, 3W CW Pout,
5:1 VSWR @ +30 Vcc, 2140 MHz, 3W CW Pout,
3:1 VSWR @ +32 Vcc, 2140 MHz, 3W CW Pout.
Ordering Information
Part No.
Description
AP602-F
High Dynamic Range 28V 4W HBT Amplifier
AP602-PCB900
869-960 MHz Evaluation board
AP602-PCB1960 1930-1990 MHz Evaluation board
AP602-PCB2140 2110-2170 MHz Evaluation board


Similar Part No. - AP602

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP600N04HTLG5 APME-AP600N04HTLG5 Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
REV1.0
AP600N04TE APME-AP600N04TE Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
REV1.0
AP600N04TLG5 APME-AP600N04TLG5 Datasheet
1Mb / 7P
40V N-Channel Enhancement Mode MOSFET
REV1.0
logo
WJ Communication. Inc.
AP601 WJCI-AP601 Datasheet
767Kb / 10P
High Dynamic Range 1.8W 28V HBT Amplifier
AP601-F WJCI-AP601-F Datasheet
767Kb / 10P
High Dynamic Range 1.8W 28V HBT Amplifier
More results

Similar Description - AP602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH2 WJCI-AH2 Datasheet
393Kb / 5P
High Dynamic Range Amplifier
AP601 WJCI-AP601 Datasheet
767Kb / 10P
High Dynamic Range 1.8W 28V HBT Amplifier
AP603 WJCI-AP603 Datasheet
1Mb / 14P
High Dynamic Range 7W 28V HBT Amplifier
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420 Datasheet
562Kb / 8P
4W High Linearity InGaP HBT Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420_15 Datasheet
683Kb / 9P
4W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com