Electronic Components Datasheet Search
  English  ▼

X  

AP602 Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # AP602
Description  High Dynamic Range 4W 28V HBT Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP602 Datasheet(HTML) 5 Page - WJ Communication. Inc.

  AP602 Datasheet HTML 1Page - WJ Communication. Inc. AP602 Datasheet HTML 2Page - WJ Communication. Inc. AP602 Datasheet HTML 3Page - WJ Communication. Inc. AP602 Datasheet HTML 4Page - WJ Communication. Inc. AP602 Datasheet HTML 5Page - WJ Communication. Inc. AP602 Datasheet HTML 6Page - WJ Communication. Inc. AP602 Datasheet HTML 7Page - WJ Communication. Inc. AP602 Datasheet HTML 8Page - WJ Communication. Inc. AP602 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 11 May 2007 ver 1
AP602
High Dynamic Range 4W 28V HBT Amplifier
1930-1990 MHz Application Circuit (AP602-PCB1960)
Typical WCDMA Performance at 25
°C
at a channel power of +27 dBm
Frequency
1960 MHz
W-CDMA Channel Power
+27 dBm
Power Gain
14.2 dB
Input Return Loss
12 dB
Output Return Loss
9 dB
ACLR
-50 dBc
IMD3 @ +27 dBm PEP
-51 dBc
Operating Current, Icc
103 mA
Collector Efficiency
17 %
Output P1dB
+35.5 dBm
Quiescent Current, Icq
80 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of L3 is placed at 0.095” (8.1
° @ 1960 MHz) from the center C2.
4. The center of C2 is placed at 0.135” (11.5
° @ 1960 MHz) from the edge of the AP602 (U1).
5. The center of C30 is placed at 0.580” (49.6
° @ 1960 MHz) from the edge of the AP602 (U1).
6. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
7. The main RF trace is cut at component location L3 for this particular reference design.
1930-1990 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 80 mA, 25 ˚C
11
12
13
14
15
16
26
28
30
32
34
36
Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
S11, S22 vs. Frequency
Vcc = 28V, Icq = 80 mA, 25 ˚C
-25
-20
-15
-10
-5
0
1.8
1.85
1.9
1.95
2
2.05
2.1
Frequency (GHz)
S11
S22
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 80 mA, 25 ˚C
0
10
20
30
40
50
60
16
20
24
28
32
36
Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
ACLR1 vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 80 mA, 25 ˚C
-65
-60
-55
-50
-45
-40
18
20
22
24
26
28
Average Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
IMD vs. Output Power
CW 2-tone signal, 1960 MHz, ∆f = 1 MHz, 28V, 80 mA Icq, 25 ˚C
-80
-70
-60
-50
-40
22
24
26
28
30
32
Output Power, PEP (dBm)
IMD3L
IMD3U
IMD5
Efficiency vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 80 mA, 25 ˚C
0
5
10
15
20
25
18
20
22
24
26
28
Average Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
C30
2.4pF
See note 5
C2
2.7pF
See note 4
4.7 nH
See note 3
L3
C7
1000pF
W = .030”
L = .980”
C27
10pF
C30



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com