Electronic Components Datasheet Search
  English  ▼

X  

AP602 Datasheet(PDF) 9 Page - WJ Communication. Inc.

Part # AP602
Description  High Dynamic Range 4W 28V HBT Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP602 Datasheet(HTML) 9 Page - WJ Communication. Inc.

Back Button AP602 Datasheet HTML 3Page - WJ Communication. Inc. AP602 Datasheet HTML 4Page - WJ Communication. Inc. AP602 Datasheet HTML 5Page - WJ Communication. Inc. AP602 Datasheet HTML 6Page - WJ Communication. Inc. AP602 Datasheet HTML 7Page - WJ Communication. Inc. AP602 Datasheet HTML 8Page - WJ Communication. Inc. AP602 Datasheet HTML 9Page - WJ Communication. Inc. AP602 Datasheet HTML 10Page - WJ Communication. Inc. AP602 Datasheet HTML 11Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 9 of 11 May 2007 ver 1
AP602
High Dynamic Range 4W 28V HBT Amplifier
2110-2170 MHz Application Note: Changing Icq Biasing Configurations
The AP602 can be configured to operate with lower bias current by varying the bias-adjust resistor – R2. The recommended
circuit configurations shown previously in this datasheet have the device operating with a 80 mA as the quiescent current (ICQ).
This biasing level represents the best tradeoff in terms of linearity and efficiency. Lowering ICQ will improve upon the
efficiency of the device, but degraded linearity. Increasing ICQ has nominal improvement upon the linearity, but will degrade
the device’s efficiency. Measured data shown in the plots below represents the AP602 measured and configured for 2.14 GHz
applications. It is expected that variation of the bias current for other frequency applications will produce similar performance
results.
Icq
(mA)
R2
(ohms)
VPD
(V)
PIN_VPD
(V)
20
6.00k
5
2.53
40
2.76k
5
2.61
60
1.80k
5
2.67
80
1.33k
5
2.73
100
1.05k
5
2.79
120
859
5
2.84
140
723
5
2.89
160
621
5
2.94
Thermal Rise vs. Output Power vs. Icq
Vcc = 28V
0
20
40
60
80
17
19
21
23
25
27
29
Output Power (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
See note 6
C22
0.5 pF
See note 5
See note 4
See note 3
C7
100pF
W = .030”
L = .980”
ACLR1 vs. Output Power vs. Icq
WCDMA, Vcc = 28V, 2140 MHz, 25 ˚C
-65
-60
-55
-50
-45
-40
-35
19
21
23
25
27
29
Average Output Power (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
Icc vs. Output Power vs. Icq
WCDMA, Vcc = 28V, 2140 MHz, 25 ˚C
0
50
100
150
200
19
21
23
25
27
29
Average Output Power (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
Efficiency vs. Output Power vs. Icq
WCDMA, Vcc = 28V, 2140 MHz, 25 ˚C
0
5
10
15
20
25
30
19
21
23
25
27
29
Average Output Power (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
Gain vs. Output Power vs. Icq
CW tone, Vcc = 28V, 2140 MHz, 25 ˚C
11
12
13
14
15
16
20
24
28
32
36
Output Power (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
Output Power vs. Input Power vs. Icq
CW tone, Vcc = 28V, 2140 MHz, 25 ˚C
20
24
28
32
36
8
12162024
Input Power (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
Efficiency vs. Output Power vs. Icq
CW tone, Vcc = 28V, 2140 MHz, 25 ˚C
0
10
20
30
40
50
20
24
28
32
36
Output Power (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
OIP3 vs. Output Power vs. Icq
CW 2-tone signal, 2140 MHz, ∆f = 1 MHz, Vcc = 28V, 25 ˚C
30
35
40
45
50
55
24
26
28
30
32
34
Output Power, PEP (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
IMD3 vs. Output Power vs. Icq
CW 2-tone signal, 2140 MHz, ∆f = 1 MHz, Vcc = 28V, 25 ˚C
-80
-70
-60
-50
-40
-30
24
26
28
30
32
34
Output Power, PEP (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
IMD5 vs. Output Power vs. Icq
CW 2-tone signal, 2140 MHz, ∆f = 1 MHz, Vcc = 28V, 25 ˚C
-80
-70
-60
-50
-40
-30
24
26
28
30
32
34
Output Power, PEP (dBm)
20 mA
40 mA
60 mA
80 mA
100 mA
120 mA
140 mA
160 mA
1000 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com