Electronic Components Datasheet Search
  English  ▼

X  

AP602 Datasheet(PDF) 10 Page - WJ Communication. Inc.

Part # AP602
Description  High Dynamic Range 4W 28V HBT Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP602 Datasheet(HTML) 10 Page - WJ Communication. Inc.

Back Button AP602 Datasheet HTML 3Page - WJ Communication. Inc. AP602 Datasheet HTML 4Page - WJ Communication. Inc. AP602 Datasheet HTML 5Page - WJ Communication. Inc. AP602 Datasheet HTML 6Page - WJ Communication. Inc. AP602 Datasheet HTML 7Page - WJ Communication. Inc. AP602 Datasheet HTML 8Page - WJ Communication. Inc. AP602 Datasheet HTML 9Page - WJ Communication. Inc. AP602 Datasheet HTML 10Page - WJ Communication. Inc. AP602 Datasheet HTML 11Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 10 of 11 May 2007 ver 1
AP602
High Dynamic Range 4W 28V HBT Amplifier
2320-2380 MHz WiBro Application Circuit
Typical WCDMA Performance at 25
°C
at an output power of +27 dBm
Frequency
2350 MHz
Total Output Power
+27 dBm
Power Gain
13 dB
ACLR
-49 dBc
Operating Current, Icc
110 mA
Collector Efficiency
15.8 %
Output P1dB
+36 dBm
Quiescent Current, Icq
80 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of C3 is placed at 0.050” (5.1
° @ 2.35 GHz) from the edge of the AP602 (U1).
4. The center of C28 is placed at 0.130” (13.3
° @ 2.35 GHz) from the edge of the AP602 (U1).
5. The center of C29 is placed at 0.110” (11.3
° @ 2.35 GHz) from the center of C28.
6. The center of C30 is placed at 0.165” (16.9
° @ 2.35 GHz) from the center of C29.
7. The center of C31 is placed at 0.110” (11.3
° @ 2.35 GHz) from the center of C30.
8. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
2320-2380 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 80 mA, 25 ˚C
9
10
11
12
13
14
20
24
28
32
36
Output Power (dBm)
2320 MHz
2350 MHz
2380 MHz
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 80 mA, 25 ˚C
0
10
20
30
40
50
60
20
24
28
32
36
Output Power (dBm)
2320 MHz
2350 MHz
2380 MHz
ACLR1 vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 80 mA, 25 ˚C
-65
-60
-55
-50
-45
-40
19
21
23
25
27
29
Average Output Power (dBm)
2320 MHz
2350 MHz
2380 MHz
Icc vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 80 mA, 25 ˚C
80
90
100
110
120
130
140
19
21
23
25
27
29
Average Output Power (dBm)
2320 MHz
2350 MHz
2380 MHz
Efficiency vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 80 mA, 25 ˚C
0
5
10
15
20
25
19
21
23
25
27
29
Average Output Power (dBm)
2320 MHz
2350 MHz
2380 MHz
C7
1000pF
C3
2pF
See note 3
22pF
C28
0.2pF
See note 4
C29
0.8pF
See note 5
C30
1.1pF
See note 6
C31
1.2pF
See note 7
C21
22pF
C28 C29
C31
C30
22pF
W = .030”
L = .590”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com