Electronic Components Datasheet Search
  English  ▼

X  

KB24 Datasheet(PDF) 44 Page - Jonard Tools.

Part # KB24
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB24 Datasheet(HTML) 44 Page - Jonard Tools.

Back Button KB24 Datasheet HTML 40Page - Jonard Tools. KB24 Datasheet HTML 41Page - Jonard Tools. KB24 Datasheet HTML 42Page - Jonard Tools. KB24 Datasheet HTML 43Page - Jonard Tools. KB24 Datasheet HTML 44Page - Jonard Tools. KB24 Datasheet HTML 45Page - Jonard Tools. KB24 Datasheet HTML 46Page - Jonard Tools. KB24 Datasheet HTML 47Page - Jonard Tools. KB24 Datasheet HTML 48Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
44
W
WR
RA
APPPPIIN
NG
G
W
WR
RA
APPPPIIN
NG
G
U
UN
NW
WR
RA
APPPPIIN
NG
G
U
UN
NW
WR
RA
APPPPIIN
NG
G
JJO
ON
NA
AR
RD
D
W
WIIR
REE
TTEER
RM
MIIN
NA
ALL
TTEER
RM
MIIN
NA
ALL
TTEER
RM
MIIN
NA
ALL
H
HO
OLLEE
PP//N
N
G
GA
AU
UG
GEE
H
HO
OLLEE D
DIIA
A..
H
HO
OLLEE D
DEEPPTTH
H
H
HO
OLLEE D
DIIA
A..
D
DEEPPTTH
H
WDUD-2000
20
.075”
1.000”
.070”
1”
WDUD-2224
22-24
.075”
.807”
.070”
1”
WDUD-2600
26
.040”
.750”
.038”
1”
WDUD-3000
30
.036”
.750”
.038”
1”
HAND WRAP & UNWRAP TOOLS
These wire wrapping tools do the job of
two. These two sided tools allow for
quick change of wrapping to unwrapping
and back, while the unused side serves as
a handle. 6" long.
TTo
oo
oll SSh
ho
ow
wn
n
D
Diissaasssseem
mb
blleed
d
W
WD
DU
UD
D--22000000
W
WD
DU
UD
D--22222244
W
WD
DU
UD
D--22660000
W
WD
DU
UD
D--33000000
DSL INSULATED WRAP & UNWRAP TOOL
Specifically designed for DSL (Digital Subscriber Line) connections. The wrapping side is designed for 24-26
AWG wire, and the unwrap side is designed for 20-26 AWG wire. Comes with an insulated handle for
dielectric protection.
W
WR
RA
APPPPIIN
NG
G
W
WR
RA
APPPPIIN
NG
G
U
UN
NW
WR
RA
APPPPIIN
NG
G
U
UN
NW
WR
RA
APPPPIIN
NG
G
JJO
ON
NA
AR
RD
D
W
WIIR
REE
TTEER
RM
MIIN
NA
ALL
TTEER
RM
MIIN
NA
ALL
TTEER
RM
MIIN
NA
ALL
H
HO
OLLEE
PP//N
N
G
GA
AU
UG
GEE
H
HO
OLLEE D
DIIA
A..
H
HO
OLLEE D
DEEPPTTH
H
H
HO
OLLEE D
DIIA
A..
D
DEEPPTTH
H
WDUD-26DS
24-26
.075”
.750”
.070”
1”
HAND WRAPPING TOOLS
These tools with a metal handle are for left
and right hand use and are compact and
versatile. 6” long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
WD-2224
Hand Wrapping tool for 22-24 gauge wire
with a .075” diameter hole
W
WD
D--22222244
WIRE WRAPPING TOOLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com