Electronic Components Datasheet Search
  English  ▼

X  

KB24 Datasheet(PDF) 46 Page - Jonard Tools.

Part # KB24
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB24 Datasheet(HTML) 46 Page - Jonard Tools.

Back Button KB24 Datasheet HTML 42Page - Jonard Tools. KB24 Datasheet HTML 43Page - Jonard Tools. KB24 Datasheet HTML 44Page - Jonard Tools. KB24 Datasheet HTML 45Page - Jonard Tools. KB24 Datasheet HTML 46Page - Jonard Tools. KB24 Datasheet HTML 47Page - Jonard Tools. KB24 Datasheet HTML 48Page - Jonard Tools. KB24 Datasheet HTML 49Page - Jonard Tools. KB24 Datasheet HTML 50Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
46
JJO
ON
NA
AR
RD
D
M
MIILLIITTA
AR
RY
Y
C
CO
OLLO
OR
R
C
CO
ON
NTTA
AC
CTT
IIN
NC
CH
HEESS
PP//N
N
SSTTA
AN
ND
DA
AR
RD
D ((M
MSS))
C
CO
OD
DEE
SSIIZZEE
R
R--44660011
M
MSS2244225566--R
R2200
RED
20
0.040”
R
R--44660022
M
MSS2244225566--R
R1166
BLUE
16
0.063”
R
R--99446611
M
MSS2244225566--R
R1122
YELLOW
12
0.093”
K
KR
R--226600 R
Reem
mo
ovvaall TTo
oo
oll K
Kiitt ((cco
on
nttaaiin
nss aab
bo
ovvee 33 tto
oo
ollss)) iin
n lleeaatth
heerr ccaassee
JJO
ON
NA
AR
RD
D
M
MIILLIITTA
AR
RY
Y
C
CO
OLLO
OR
R
C
CO
ON
NTTA
AC
CTT
IIN
NC
CH
HEESS
PP//N
N
SSTTA
AN
ND
DA
AR
RD
D ((M
MSS))
C
CO
OD
DEE
SSIIZZEE
A
A--44559988
M
MSS2244225566--A
A2200
RED
20
0.040”
A
A--44559999
M
MSS2244225566--A
A1166
BLUE
16
0.063”
A
A--44660000
M
MSS2244225566--A
A1122
YELLOW
12
0.093”
K
KA
A--226600 IIn
nsseerrttiio
on
n TTo
oo
oll K
Kiitt ((cco
on
nttaaiin
nss aab
bo
ovvee 33 tto
oo
ollss)) iin
n lleeaatth
heerr ccaassee
A
A--44559988
A
A--44559999
A
A--44660000
R
R--99446611
R
R--44660011
R
R--44660022
K
KR
R--226600
K
KA
A--226600
C
CO
ON
NN
NEEC
CTTO
OR
R IIN
NSSEER
RTTIIO
ON
N A
AN
ND
D
EEX
XTTR
RA
AC
CTTIIO
ON
N TTO
OO
OLLSS
These tools service virtually all
connectors conforming to Mil-C-26482,
Mil-C-26500 with front release contacts
made by such manufacturers as Amp,
Amphenol, Bendix, Burndy, Cannon,
Cinch, Continental, Elco, Flight, Pyle
National and Deutsch. These tools
contain strong, durable, stainless steel
probes & color coded handles.
PPIIN
N EEX
XTTR
RA
AC
CTTO
OR
R
A plunger style pin extractor for pushing pins
out from behind the connector blocks for
contact sizes 16-20. 3” long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
R
R--55992266
Pin Extractor
R
R--55992266
CONNECTOR TOOLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com