Electronic Components Datasheet Search
  English  ▼

X  

KB24 Datasheet(PDF) 6 Page - Jonard Tools.

Part # KB24
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB24 Datasheet(HTML) 6 Page - Jonard Tools.

Back Button KB24 Datasheet HTML 2Page - Jonard Tools. KB24 Datasheet HTML 3Page - Jonard Tools. KB24 Datasheet HTML 4Page - Jonard Tools. KB24 Datasheet HTML 5Page - Jonard Tools. KB24 Datasheet HTML 6Page - Jonard Tools. KB24 Datasheet HTML 7Page - Jonard Tools. KB24 Datasheet HTML 8Page - Jonard Tools. KB24 Datasheet HTML 9Page - Jonard Tools. KB24 Datasheet HTML 10Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
PTX SERIES BATTERY
W I R E W R A P P I N G
& UNWRAPPING TOOLS
B A T T E R Y
P O W E R E D
LONG
- L I F E N I M H B A T T E R Y
For a complete listing of bits and sleeves- see pages 7, 10-12
PTX-B
PTX-BC1
H-1000
6
DFB224
The Patented PTX Series Wire Wrapping Tools from OK Industries
bring revolutionary new benefits to installers, telecom technicians
and other users. With worker safety in mind, we consulted a
certified ergonomist and created an ergonomic tool, which
includes a lightweight, well-balanced construction, dual-finger
short-throw trigger, and a long handle to mitigate pressure on the
palm. These features help to prevent repetitive stresses and result
in an industry-leading design from a comfort and safety
standpoint. Ask for the PTX Series Wire Wrapping Tools from OK
Industries — and arm your workers with the tools that offer
efficiency and worker safety in your interconnect activity.
KEY FEATURES
I
Ergonomic Design — Minimizes Repetitive Stress
I
Rugged Construction
I
Wraps and Unwraps 18 to 30 AWG Wire
I
Rated Maximum Usage: 2,500 cycles/day
I
For Bits & Sleeves: see Pages 7, 10-12
Part No.
Description
Weight
Voltage
RPM
PTX
Battery Wrap/Unwrap Tool (Battery not included)
1.1 lb.
3.6V*
3700
PTX-KIT1
115V battery tool kit (tool, charger, 2 batteries)
3.5 lb.
3.6V*
3700
PTX-KIT1DH
PTX-KIT1 w/DFB224 and H-1000
3.6 lb.
3.6V*
3700
PTX-KIT2
230V battery tool kit (tool, charger, 2 batteries)
3.5 lb.
3.6V*
4200
* Powered by long-life NiMH battery
ORDERING INFORMA TION AND PRODUCT SPECIFICA TIONS
Low Battery Indicator
High Power Motor
Reverses for
Unwrapping
Permanently
Attached
Collet Nut
Ergonomic,
Rugged
Tool Design
Wrap
Unwrap
Switch
PATENTED
ACCESSORIES
I
PTX-B
PTX Battery, 3.6V
I
PTX-BC1
115V Battery Charger
I
PTX-BC2
230V Battery Charger
I
H-1000
Cordura Tool Pouch
I
DFB224
Wrap/Unwrap Bit & Sleeve Set
I
DFB2426 Wrap/Unwrap Bit & Sleeve Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com