Electronic Components Datasheet Search
  English  ▼

X  

KB24 Datasheet(PDF) 47 Page - Jonard Tools.

Part # KB24
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB24 Datasheet(HTML) 47 Page - Jonard Tools.

Back Button KB24 Datasheet HTML 43Page - Jonard Tools. KB24 Datasheet HTML 44Page - Jonard Tools. KB24 Datasheet HTML 45Page - Jonard Tools. KB24 Datasheet HTML 46Page - Jonard Tools. KB24 Datasheet HTML 47Page - Jonard Tools. KB24 Datasheet HTML 48Page - Jonard Tools. KB24 Datasheet HTML 49Page - Jonard Tools. KB24 Datasheet HTML 50Page - Jonard Tools. KB24 Datasheet HTML 51Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
47
M
M--112266 Push Hook for difficult to
reach areas, 11" long.
M
M--113300//IIX
X Pull Hook and lifter.
With an insulated grip. 8" long.
M
M--113300//SSX
X Pull Hook and lifter.
With a knurled grip. 8" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
M
M--112266
Push Hook
M
M--113300//SSX
X
Pull Hook
Used for inserting, removing and adjusting fine springs and other small parts in tight areas. Indispensable
for precision work in production and maintenance of precision production, electronics, electromechanics
and even maintenance jobs. All spring hooks are tapered to a fine point. Produced of the finest quality
high carbon steel with a nickel-plated finish. We will custom design Spring Hooks to meet your specific
requirements.
M
M--112200 Pull Hook with looped handle
for maximum control 6" long.
M
M--112211 Pull Hook for difficult to
reach areas, 11" long.
M
M--112255 Push Hook with looped
handle for maximum control 6"
long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
M
M--112200
Pull Hook
M
M--112211
Push Hook
M
M--112255
Push Hook
M
M--113377 Push & Pull 2 sided Hook, 7" long.
M
M--114455 Captive Spring Hook. Spring
loaded hook is exposed by depressing
plunger on top of tool. Internal spring
retracts hook automatically. This hook is
ideal for capturing small wires, springs
or parts and holding them. 7" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
M
M--113377
Push & Pull Hook
M
M--114455
Captive Spring Hook
M
M--112200
M
M--112266
M
M--112211
M
M--113377
M
M--114455
M
M--112255
M
M--113300//SSX
X
ALIGNMENT TOOLS
SPRING HOOKS/CLIP SETTER
C
CLLIIPP SSEETTTTEER
R
Clip Setter used for setting and withdrawing E
and C clips with a inside diameter of .156” min.
and thickness of .025” min. Max inside diameter
of 3” and thickness of .093” One end of this tool
has a hook with leaf spring tension for removing
the clip. Other end of tool has leaf spring for
holding clip in position to insert. Narrow shape
allows access to confined places. This tool is
6 3/4" long .275" wide and 1/16" thick.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
C
CSS--11002222
Clip Setter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com