Electronic Components Datasheet Search
  English  ▼

X  

KB24 Datasheet(PDF) 14 Page - Jonard Tools.

Part # KB24
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB24 Datasheet(HTML) 14 Page - Jonard Tools.

Back Button KB24 Datasheet HTML 10Page - Jonard Tools. KB24 Datasheet HTML 11Page - Jonard Tools. KB24 Datasheet HTML 12Page - Jonard Tools. KB24 Datasheet HTML 13Page - Jonard Tools. KB24 Datasheet HTML 14Page - Jonard Tools. KB24 Datasheet HTML 15Page - Jonard Tools. KB24 Datasheet HTML 16Page - Jonard Tools. KB24 Datasheet HTML 17Page - Jonard Tools. KB24 Datasheet HTML 18Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
Wire Size
Max. Insulation
Terminal Hole
Terminal Hole
Outside
Part No.
Reg. Mod. Type
Diameter
Diameter
Depth
Diameter
AWG
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
HW-20
G
A
20
0.80
–
–
.075
1.90
1.000
25.40
.218
5.53
HW-224
G
A
22-24
0.65-0.50
–
–
.075
1.90
.807
20.50
.218
5.53
HW-224LH
G
A
22-24
0.65-0.50
–
–
.086
2.18
1.000
25.40
.218
5.53
HW-26
G
A
26
0.40
–
–
.075
1.90
1.000
25.40
.218
5.53
HW-30*
G
30
0.25
.027
0.69
.036
0.91
.750
19.05
.125
3.17
*These tools are recommended for .025" (0.63mm) square terminals on .100" (2.54mm) centers
These tools are used to remove wire connections
made with 20 thru 32 gauge wire.
Type of
Terminal
Terminal
Outside
Part No.
Type
Wire Size
Unwrap
Hole Diameter
Hole Depth
Diameter
AWG
mm
Inches
mm
Inches
mm
Inches
mm
UW1
D
20-26
0.80-0.40
Left Hand
.070
1.77
1.000
25.40
.156
3.96
UW2
C
20-26
0.80-0.40
Left and Right Hand
.070
1.77
1.000
25.40
.156
3.96
UW4
B
20-26
0.80-0.40
Left Hand
.070
1.77
2.360
60.00
.187
4.74
UW5
B
20-26
0.80-0.40
Left and Right Hand
.070
1.77
2.360
60.00
.187
4.74
UW093R
D
24-32
0.50-0.20
Left Hand
.038
0.96
1.000
25.40
.093
2.36
UWD93-93
C
24-32
0.50-0.20
Left and Right Hand
.038
0.96
1.000
25.40
.093
2.36
UW2832C
B
28-32
0.32-0.20
Left and Right Hand
.038
0.96
.750
19.05
.156
3.96
Type “C”
H
H A
A N
N D
D U
U N
N W
W R
R A
A PP PP II N
N G
G TT O
O O
O LL SS
HAND WRAPPING AND
UNWRAPPING TOOLS
H
H A
A N
N D
D W
W R
R A
A PP PP II N
N G
G TT O
O O
O LL SS
These Hand Wrapping Tools are carefully designed to
produce perfect wire wrapped connections.
Precision, long-lasting tools for use where occasional
wraps are required or where power wire-wrapping
tools are not practical. Compact and convenient.
Type “B”
Type “A”
HW-30
Type “D”
Type “C”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com