Electronic Components Datasheet Search
  English  ▼

X  

KB26 Datasheet(PDF) 48 Page - Jonard Tools.

Part # KB26
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB26 Datasheet(HTML) 48 Page - Jonard Tools.

Back Button KB26 Datasheet HTML 44Page - Jonard Tools. KB26 Datasheet HTML 45Page - Jonard Tools. KB26 Datasheet HTML 46Page - Jonard Tools. KB26 Datasheet HTML 47Page - Jonard Tools. KB26 Datasheet HTML 48Page - Jonard Tools. KB26 Datasheet HTML 49Page - Jonard Tools. KB26 Datasheet HTML 50Page - Jonard Tools. KB26 Datasheet HTML 51Page - Jonard Tools. KB26 Datasheet HTML 52Page - Jonard Tools.  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
48
ALIGNMENT TOOLS
TTR
RIIM
MPPO
OTT
Double ended Trimpot with a hex
(allen) steel .050" and 3/32" long
steel screwdriver tip. Ideal for
aligning, adjusting, calibrating and
fine tuning of electronic circuitry,
potentiometers, oscilloscopes and
electronic equipment. Made of a
high impact non-conductive
thermoplastic material. 5" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
A
ATT--33776677
Trimpot
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSCCRRIIPPTTIIO
ON
N
SS--338899//1100
Orange Sticks Point & Flat end Pk. of 10
SS--338899//110000
Orange Sticks Point & Flat end Pk. of 100
SS--338899M
M//1100
Orange Sticks 2 Flat ends Pk. of 10
SS--338899M
M//110000
Orange Sticks 2 Flat ends Pk. of 100
A
ALLIIG
GN
NM
MEEN
NTT TTO
OO
OLL K
KIITT
This 5 piece pocket kit contains
a selection of the most popular
non-conductive tools for
aligning and adjusting
components.
AT-3767 Trimpot, AT-6241
Alignment Tool, AT-3112 Spudger,
S-389 Orange Stick, JIC-22035
Probe Pick
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSCCRRIIPPTTIIO
ON
N
TTKK--A
ATT55
Alignment Tool Kit
A
ALLIIG
GN
NM
MEEN
NTT TTO
OO
OLL
2-in1 nonconductive Alignment
Tool 1/4" in diameter, stepped
down to 5/32" in diameter. Ideal
for most variable capacitors, coils
and resistors. Also used to
harness and separate fine wire
terminals in computers,
telephones and cables. Made of
non-conductive thermoplastic
material. 7" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
A
ATT--66224411
Alignment Tool
SSPPU
UD
DG
GEER
R
Plastic pencil type tool tapered to
a point on one end and
screwdriver tip on other end.
Used to form, shape, guide,
spudge and separate fine
computer wire terminals,
telephone wires and cables. Also
used for breaking solder bridges,
probing or positioning loose
components. Made of a high
impact non-conductive
thermoplastic material. 6"
double ended 5/16" diameter
long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
A
ATT--33111122
Spudger
O
OR
RA
AN
NG
GEE SSTTIIC
CK
KSS
Static free double ended economical tool
made of birch wood. Used for cleaning
electrical components and separating
contact points, fine wires and other delicate
components. 3/16” diameter x 7” long. The
S-389 has one end tapered to a point and
the other end to a flat screwdriver type tip.
The S-389M has both ends tapered with a
flat screwdriver type tip.
A
ATT--33111122
A
ATT--66224411
A
ATT--33776677
SS--338899
SS--338899M
M
Flat end
Sharp end
A
ATT--33111122
A
ATT--66224411
A
ATT--33776677
JJIIC
C--2222003355
SS--338899
PROBE PICK
Tough resilient yellow nylon
probe “spudger”. One end is
tapered to a 1/16” diameter point
having an insulated “L” shaped
wire hook extension. The other
end tapers to a flat, 3/16” wide
and 1/16” thick, with 2 small
notches. Used in electrical
contacts. 7” long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JIC-22035
Insulated Probe Pick
JIC-22035NT
Uninsulated Probe Pick
JJIIC
C--2222003355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com